Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


C9118 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part No. C9118
Description  Driver circuit for photodiode array with amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

   
 1 page
background image
Features
l Single power supply (+5 V) operation
l Operation with two input signals (M-CLK and M-RESET)
l Compact: 48 × 56 mm
l Assembled with low profile components
Applications
l Various types of image acquisition
l Optical detection equipment
PHOTODIODE
Driver circuit for photodiode array with amplifier
Compact, easy-to-use driver circuit
C9118 series
PRELIMINARY DATA
Jan. 2003
C9118 series CMOS driver circuit is designed for S8865 series photodiode array with amplifier.
C9118 series operates a linear image sensor by just inputting two signals (M-CLK and M-RESET) and a signal +5 V supply. C9118 series is
assembled on a compact board measuring 48 × 56 mm and allows downsizing of the measurement equipment.
C9118 is intended for single use or parallel connections, while C9118-01 is suitable for cascade connections.
C9118 series does not include S8865 series photodiode array with amplifier, so select the desired photodiode array and order it separately.
1
s Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
Value
Unit
Supply voltage
Vcc
+7
V
Digital input voltage
-
V
V
Operating temperature
Topr
0 to 50 *
1
°C
Storage temperature
Tstg
0 to 70 *
1
°C
*1: No condensation
s Specifications (Ta=25 °C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Rated voltage
-
4.9
5.0
5.2
V
Current consumption
+Is
-
65
75
mA
High level
VIH
2.0
-
V
V
Digital input
Low level
VIL
0-
0.8
V
M-RESET pulse width (Low level)
TpwstRESET1
10
-
-
µs
M-CLK frequency
fCLK
40
-
4000
kHz
Digital rise/fall times
tTLH/ tTHL
-
20
30
ns
Data rate
fV
1
-
1000
kHz
Offset output
Voffset
-
0.5
-
V
VIDEO saturation output *
2
Vast
-
4.0
-
V
*2: From offset value.




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
C9004Driver circuit for Si photodiode array 1 2 Hamamatsu Corporation
UPD17202AGF-0114-BIT SINGLE-CHIP MICROCONTROLLER WITH LCD CONTROLLER/DRIVER AND KEY SCAN CIRCUIT FOR FPC FRONT PANEL CONTROLLER 1 2 3 4 5 MoreNEC
NTE2088Integrated Circuit 4-Segment Darlington Array w/Pre-Driver Stage for use with PMOS and 12V CMOS 1 2 3 NTE Electronics
LA7835Vertical Deflection Output Circuit with Driver for Color TV Use 1 2 3 4 5 Sanyo Semicon Device
LA7836Vertical Deflection Output Circuit with Driver for TV Sets and Monitors 1 2 3 4 5 Sanyo Semicon Device
HD66787528-channel One-chip Driver with 262 144-color Display RAM and Power Supply Circuit for Low-temperature Poli-Si TFT LTPS-TFT Panels with Incorporat 1 2 3 4 5 MoreRenesas Technology Corp
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
NTE2087Integrated Circuit 4-Stage Darlington Array w/Pre-Drive Stage for TTL 1 2 NTE Electronics
NJM2267DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER 1 2 3 4 5 MoreNew Japan Radio
BC847PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl