Electronic Components Datasheet Search |
|
C9118 Datasheet(PDF) 5 Page - Hamamatsu Corporation |
|
C9118 Datasheet(HTML) 5 Page - Hamamatsu Corporation |
5 / 5 page Driver circuit for photodiode array with amplifier C9118 series HAMAMATSU PHOTONICS K.K., Solid State Division 1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658 France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777 North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01 Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741 Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2003 Hamamatsu Photonics K.K. Cat. No. KACC1087E02 Jul. 2003 DN <CN3> Used to connect to CN2 at next stage during serial readout. (CN3 is installed only for C9118-01.) Note 2) CN3 is installed only for serial readout. Note 3) Pin No. 1 to 4 and 6 to 10 connect to the same pin No. of CN2 as common lines. Connector type: DF13-11P-1.25H (50) (made by Hirose Electric) Pin No. Terminal Name I/O Description 1 M-RESET I Sensor scan start signal. Pulse width at High level nearly equals sensor integration time. 2 M-CLK I Sensor scan sync signal. Sensor starts scanning in synchronization with this signal. 3 TRIGGER O For A/D conversion timing signals. Positive logic 4 L-EOS O EOS (end of scan) signal of all sensors during parallel or serial readout. Negative logic 5 EXTSP2 O Video signal scan start signal at second stage during serial readout. Negative logic 6 GAIN I External setting for sensor gain H: high gain, L: low gain 7GND - Circuit GND 8 +5 V I +5 V power supply 9 VIDEO O Video output signal. Positive polarity 10 A.GND O Video GND 11 NC - No connection s Parallel readout and serial readout settings ON 14 3 2 ON <Parallel readout setting> <First stage setting for serial readout> <Second stage to second from last stage setting for serial readout> <Last stage setting for serial readout> Set SW1 and SW2 to OFF as shown at left. (SW3 and SW4 have no connection) Set SW1 to OFF and SW2 to ON as shown at left. (SW3 and SW4 have no connection) Set SW1 and SW2 to ON as shown at left. (SW3 and SW4 have no connection) Set SW1 to ON and SW2 to OFF as shown at left. (SW3 and SW4 have no connection) 14 3 2 ON 14 3 2 ON 14 3 2 KACCC0191EA 5 |
Similar Part No. - C9118 |
|
Similar Description - C9118 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |