Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


C9118 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part No. C9118
Description  Driver circuit for photodiode array with amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

   
 4 page
background image
Driver circuit for photodiode array with amplifier
C9118 series
4
s Pin assignment of I/O connector
<CN1>
For connection to S8865 photodiode array
Connector type: 801-93-012-20-001 PRECI-DIP (made by DURTAL) or equivalent
Pin No.
Terminal Name
I/O
Description
1
RESET
O
Sensor scan start signal. Pulse width at High level nearly equals sensor integration
time.
2
CLK
O
Sensor scan sync signal. Sensor starts scanning in synchronization with this signal.
3
Trig
I
For A/D conversion timing signals. Positive logic
4
EXTST
O
High level at first stage during parallel or serial readout. At second and subsequent
stages during serial readout, this outputs the EOS pulse of preceding stage.
5Vms
O
High level at first stage during parallel or serial readout. At second and subsequent
stages, this sets to Low level.
6
Vdd
O
Sensor supply voltage
7
GND
-
Sensor GND
8
EOS
I
EOS (end of scan) signal of sensor. Negative logic
9
Video
I
Video output signal. Positive polarity
10
Vref
O
Reference voltage
11
Vgain
O
Sensor gain switching
H: high gain, L: low gain
12
Vpd
O
Photodiode voltage
<CN2>
Used to connect the first stage to an external I/O during parallel readout or serial readout
For the second and subsequent stages during serial readout, CN2 is used to connect to CN3 at preceding stage.
Note 1) CN3 is installed only for C9118-01 (for serial readout).
Connector type: DF13-10P-1.25H (50) (made by Hirose Electric)
Pin No.
Terminal Name
I/O
Description
1
M-RESET
I
Sensor scan start signal. Pulse width at High level nearly equals sensor integration
time.
2
M-CLK
I
Sensor scan sync signal. Sensor and circuit start operating in synchronization with this
signal.
3
TRIGGER
O
For A/D conversion timing signals. Positive logic
4
L-EOS
O
EOS (end of scan) signal of all sensors during parallel or serial readout. Negative logic
5
IN-START
I
NC (no connection) at first stage during parallel or serial readout. At second and
subsequent stages during serial readout, this receives the EOS pulse of preceding
stage.
6
GAIN
I
External setting for sensor gain
H: high gain, L: low gain
7GND
-
Circuit GND
8
+5 V
I
+5 V power supply
9
VIDEO
O
Video output signal. Positive polarity
10
A.GND
O
Video GND




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
C9004Driver circuit for Si photodiode array 1 2 Hamamatsu Corporation
UPD17202AGF-0114-BIT SINGLE-CHIP MICROCONTROLLER WITH LCD CONTROLLER/DRIVER AND KEY SCAN CIRCUIT FOR FPC FRONT PANEL CONTROLLER 1 2 3 4 5 MoreNEC
NTE2088Integrated Circuit 4-Segment Darlington Array w/Pre-Driver Stage for use with PMOS and 12V CMOS 1 2 3 NTE Electronics
LA7835Vertical Deflection Output Circuit with Driver for Color TV Use 1 2 3 4 5 Sanyo Semicon Device
LA7836Vertical Deflection Output Circuit with Driver for TV Sets and Monitors 1 2 3 4 5 Sanyo Semicon Device
HD66787528-channel One-chip Driver with 262 144-color Display RAM and Power Supply Circuit for Low-temperature Poli-Si TFT LTPS-TFT Panels with Incorporat 1 2 3 4 5 MoreRenesas Technology Corp
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
NTE2087Integrated Circuit 4-Stage Darlington Array w/Pre-Drive Stage for TTL 1 2 NTE Electronics
NJM2267DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER 1 2 3 4 5 MoreNew Japan Radio
BC847PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl