Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


C9118 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part No. C9118
Description  Driver circuit for photodiode array with amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

   
 3 page
background image
Driver circuit for photodiode array with amplifier
C9118 series
3
s Connection examples
Single or parallel readout example (C9118)
Cascade readout example (C9118-01)
Simultaneous integration/output
(effective for high-speed processing)
Simultaneous integration/serial output
(Simplifies external processing circuit)
S8865
SERIES
C9118
CN2
EXTERNAL
CONTROLLER
SCAN
DIRECTION
S8865
SERIES
C9118
CN2
EXTERNAL
CONTROLLER
SCAN
DIRECTION
S8865
SERIES
C9118
CN2
EXTERNAL
CONTROLLER
SCAN
DIRECTION
KACCC0189EA
S8865
SERIES
C9118-01
CN2
EXTERNAL
CONTROLLER
ACCESSORY
CABLE
S8865
SERIES
C9118-01
CN2
S8865
SERIES
C9118-01
CN2
CN3
CN3
CN3
SCAN
DIRECTION
KACCC0190EA
s Dimensional outline (unit: mm)
SCAN
DIRECTION
CN3 is installed only for C9118-01.
Component mounting height: 3.6 mm
CN2
CN1
1
12
CN3
32
38
56
2
88
32
4 × (2 ×) R1.2
25
KACCA0124EA
s Accessory
· Connectorized cable
This cable is for hooking up an external unit (power supply, pulse
generator, etc.) to the CN2 connector of C9118 driver circuit.
Pin No. and cable color coding are shown in the table at the right.
Connector: DF-13-10S-1.25C (Hirose Electric)
Terminal: DF13-2630SCFA (gold plating)
Cable: Conforms to UL1007 AWG28.
100 mm
Pin connection (CN2)
Pin No.
Color
Pin No.
Color
Brown
Blue
Red
Purple
Orange
Gray
Yellow
White
Green
Black
KACCC0198EA




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
C9004Driver circuit for Si photodiode array 1 2 Hamamatsu Corporation
UPD17202AGF-0114-BIT SINGLE-CHIP MICROCONTROLLER WITH LCD CONTROLLER/DRIVER AND KEY SCAN CIRCUIT FOR FPC FRONT PANEL CONTROLLER 1 2 3 4 5 MoreNEC
NTE2088Integrated Circuit 4-Segment Darlington Array w/Pre-Driver Stage for use with PMOS and 12V CMOS 1 2 3 NTE Electronics
LA7835Vertical Deflection Output Circuit with Driver for Color TV Use 1 2 3 4 5 Sanyo Semicon Device
LA7836Vertical Deflection Output Circuit with Driver for TV Sets and Monitors 1 2 3 4 5 Sanyo Semicon Device
HD66787528-channel One-chip Driver with 262 144-color Display RAM and Power Supply Circuit for Low-temperature Poli-Si TFT LTPS-TFT Panels with Incorporat 1 2 3 4 5 MoreRenesas Technology Corp
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
NTE2087Integrated Circuit 4-Stage Darlington Array w/Pre-Drive Stage for TTL 1 2 NTE Electronics
NJM2267DUAL VIDEO 6dB AMPLIFIER WITH 75OHM DRIVER 1 2 3 4 5 MoreNew Japan Radio
BC847PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl