Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41771-0902 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 41771-0902
Description  KK 396 Header, Vertical, without Peg, 4 Circuits, 0.38um Gold (Au) Selective Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

41771-0902 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  41771-0902 Datasheet HTML 1Page - Molex Electronics Ltd. 41771-0902 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
41771-0902
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK® 396 Header, Vertical, without Peg, 5 Circuits, 0.38µm Gold (Au) Selective Plating
Documents:
3D Model
Product Specification PS-08-50 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
41771
Application
Board-to-Board, Power, Wire-to-Board
Overview
KK® Interconnect System - Molex
Product Name
KK® 396
UPC
800756195025
Physical
Breakaway
No
Circuits (Loaded)
5
Circuits (maximum)
5
Color - Resin
Natural
Durability (mating cycles max)
50
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Net Weight
1.360/g
Number of Rows
1
Orientation
Vertical
PC Tail Length
3.56mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Bag
Pitch - Mating Interface
3.96mm
Plating min - Mating
0.381µm
Plating min - Termination
2.540µm
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Partial
Stackable
Yes
Temperature Range - Operating
See Product Specification
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
7A
Voltage - Maximum
250V
Solder Process Data
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
41771Series
Mates With
2139 KK® Crimp Housing, 41695 KK®
Crimp Housing, 6442 KK® Crimp Housing,
2145 PCB Connector, 41815 PCB
Connector, 3069 KK® Crimp Housing


Similar Part No. - 41771-0902

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41771-0902 MOLEX-41771-0902 Datasheet
287Kb / 6P
   KK .156 HEADER ASSY FLAT VERT W/O PEGS
2004/03/24
41771-0902 MOLEX-41771-0902 Datasheet
287Kb / 6P
   KK .156 HEADER ASSY FLAT VERT W/O PEGS
2004/03/24
More results

Similar Description - 41771-0902

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41771-0901 MOLEX11-41771-0901 Datasheet
64Kb / 2P
   KK 396 Header, Vertical, without Peg, 4 Circuits, 0.38um Gold (Au) Selective Plating
41771-0905 MOLEX11-41771-0905 Datasheet
64Kb / 2P
   KK 396 Header, Vertical, without Peg, 8 Circuits, 0.38um Gold (Au) Selective Plating
41771-0899 MOLEX11-41771-0899 Datasheet
64Kb / 2P
   KK 396 Header, Vertical, without Peg, 2 Circuits, 0.38um Gold (Au) Selective Plating
41771-0903 MOLEX11-41771-0903 Datasheet
64Kb / 2P
   KK 396 Header, Vertical, without Peg, 6 Circuits, 0.38um Gold (Au) Selective Plating
41771-0918 MOLEX11-41771-0918 Datasheet
64Kb / 2P
   KK 396 Header, Vertical, without Peg, 4 Circuits, 0.76um Gold (Au) Selective Plating
41772-0469 MOLEX11-41772-0469 Datasheet
64Kb / 2P
   KK 396 Header, Right-Angle, without Peg, 8 Circuits, 0.38um Gold (Au) Selective Plating
41772-0463 MOLEX11-41772-0463 Datasheet
64Kb / 2P
   KK 396 Header, Right-Angle, without Peg, 2 Circuits, 0.38um Gold (Au) Selective Plating
41772-0478 MOLEX11-41772-0478 Datasheet
64Kb / 2P
   KK 396 Header, Right-Angle, without Peg, 17 Circuits, 0.38um Gold (Au) Selective Plating
41772-0464 MOLEX11-41772-0464 Datasheet
64Kb / 2P
   KK 396 Header, Right-Angle, without Peg, 3 Circuits, 0.38um Gold (Au) Selective Plating
41772-0466 MOLEX11-41772-0466 Datasheet
76Kb / 2P
   KK 396 Header, Right-Angle, without Peg, 5 Circuits, 0.38um Gold (Au) Selective Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com