Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8061 Datasheet(PDF) 8 Page - Hamamatsu Corporation

Part # C8061
Description  InGaAs multichannel detector head
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C8061 Datasheet(HTML) 8 Page - Hamamatsu Corporation

Back Button C8061 Datasheet HTML 2Page - Hamamatsu Corporation C8061 Datasheet HTML 3Page - Hamamatsu Corporation C8061 Datasheet HTML 4Page - Hamamatsu Corporation C8061 Datasheet HTML 5Page - Hamamatsu Corporation C8061 Datasheet HTML 6Page - Hamamatsu Corporation C8061 Datasheet HTML 7Page - Hamamatsu Corporation C8061 Datasheet HTML 8Page - Hamamatsu Corporation C8061 Datasheet HTML 9Page - Hamamatsu Corporation C8061 Datasheet HTML 10Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
InGaAs multichannel detector head
C8060/C8061/C8062-01
I Pin assignment of “TE control I/O” connector (C8061/C8062-01)
9-pin D-sub connector
1
2
3
4
5
6
7
8
9
Pin No.
Terminal name
Description
1VD2 (+6V)
Power supply.
2
Temp Monitor
Analog output signal of the temperature of the InGaAs image sensor.
3
Cooling control
Digital input signal for starting to cool down.
HCMOS compatible.
H-level or left open : cooling
L-level
: stand-by
4
Vp (+6V)
Power supply for the thermoelectric cooler in the InGaAs image sensor.
5VF (+12 V)
Power supply for cooling fan.
6
D. GND
Ground.
7
D. GND
Ground.
8
P. GND
Power supply return of the thermoelectric cooler mounted in the InGaAs image sensor.
9
F. GND
Ground return for cooling fan.
Note: Available for using same power supply (+6 V) for “VD2” and “VP”.
Caution: Do not connect “VD2” and “VP” together on the backside of the 9-sub D-sub connector.
These may be connected (shorted) at the power supply end, not 9-pin D-sub connector.
KACCC0075EA
8


Similar Part No. - C8061

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C8061 HAMAMATSU-C8061 Datasheet
303Kb / 11P
   Designed for InGaAs linear image sensor
C8061-01 HAMAMATSU-C8061-01 Datasheet
333Kb / 6P
   Multichannel detector head controller
C8061-01 HAMAMATSU-C8061-01 Datasheet
303Kb / 11P
   Designed for InGaAs linear image sensor
C8061-01 HAMAMATSU-C8061-01_15 Datasheet
1,001Kb / 12P
   Designed for InGaAs linear image sensor
More results

Similar Description - C8061

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7020 HAMAMATSU-C7020 Datasheet
221Kb / 7P
   CCD multichannel detector head
C5964 HAMAMATSU-C5964 Datasheet
243Kb / 6P
   NMOS multichannel detector head
C7040 HAMAMATSU-C7040 Datasheet
208Kb / 6P
   CCD multichannel detector head
C7557 HAMAMATSU-C7557_07 Datasheet
333Kb / 6P
   Multichannel detector head controller
C7180 HAMAMATSU-C7180 Datasheet
68Kb / 2P
   CCD multichannel detector head
C7557 HAMAMATSU-C7557 Datasheet
337Kb / 6P
   Multichannel detector head controller
C8892 HAMAMATSU-C8892 Datasheet
121Kb / 4P
   NMOS multichannel detector head
C7027 HAMAMATSU-C7027 Datasheet
183Kb / 7P
   CCD multichannel detector head
C7973 HAMAMATSU-C7973 Datasheet
196Kb / 7P
   CCD multichannel detector head
C5964 HAMAMATSU-C5964_05 Datasheet
286Kb / 6P
   NMOS multichannel detector head
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com