Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8061 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # C8061
Description  InGaAs multichannel detector head
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C8061 Datasheet(HTML) 5 Page - Hamamatsu Corporation

  C8061 Datasheet HTML 1Page - Hamamatsu Corporation C8061 Datasheet HTML 2Page - Hamamatsu Corporation C8061 Datasheet HTML 3Page - Hamamatsu Corporation C8061 Datasheet HTML 4Page - Hamamatsu Corporation C8061 Datasheet HTML 5Page - Hamamatsu Corporation C8061 Datasheet HTML 6Page - Hamamatsu Corporation C8061 Datasheet HTML 7Page - Hamamatsu Corporation C8061 Datasheet HTML 8Page - Hamamatsu Corporation C8061 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
InGaAs multichannel detector head
C8060/C8061/C8062-01
I Block diagram 1 (C8060/C8061/C8062-01)
I Block diagram 2 (C8060/C8061-01)
KACCC0193EA
KACCC0194EA
LED
TH. H
TE+
TE-
THERM
TIMING GENERATOR
D. GND
VA1+ (+15 V)
A. GND
CLK
START
EOS
TRIGGER
Cf SEL
THERMO-ELECTRIC
COOLER
InGaAs IMAGE SENSOR
BUFFER AMPLIFIER
DATA VIDEO
AMPLIFIER
VOLTAGE
REGULATOR
G9201-256S
G9203-256S
G9211-256S
G9213-256S
G9208-256W
CLK
RESET
Cf SELECT
AD-TRIG
THERM
INP
Vref
Vdd
Vss
VP
*1
P. GND
VD2
*1
D. GND
VF (+12 V)
F. GND
Temp Monitor
Video
*1: +5 V (C8060/C8061-01), +6 V (C8062-01)
*2: C8060-01 does not include the temperature controller and thermoelectric cooler.
AMPLIFIER
MUX & AMPLIFIER
DC CLAMP
Cooling control
VD1 (+5 V)
VA1- (-15 V)
TEMPERATURE CONTROLLER
*2
*2
LED
TE+
TE-
THERM
TIMING GENERATOR
D. GND
VA1+ (+15 V)
A. GND
CLK
START
EOS
TRIGGER
Cf SEL
THERMO-ELECTRIC
COOLER
*
InGaAs IMAGE SENSOR
BUFFER AMPLIFIER
DATA VIDEO
VOLTAGE
REGULATOR
G9202-512S
G9204-512S
G9212-512S
G9214-512S
CLK-ODD, CLK-EVEN
RESET-ODD, RESET-EVEN
Cf SELECT
AD-TRIG-ODD, AD-TRIG-EVEN
THERM
INP
Vref
Vdd
Vss
VP (+5 V)
P. GND
VD2 (+5 V)
D. GND
VF (+12 V)
F. GND
Temp Monitor
Video-ODD
Video-EVEN
*C8060-01 does not include the temperature controller and thermoelectric cooler.
MUX & AMPLIFIER
DC CLAMP
Cooling control
VD1 (+5 V)
VA1- (-15 V)
TH. H
TEMPERATURE CONTROLLER
*
AMPLIFIER
AMPLIFIER
5


Similar Part No. - C8061

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C8061 HAMAMATSU-C8061 Datasheet
303Kb / 11P
   Designed for InGaAs linear image sensor
C8061-01 HAMAMATSU-C8061-01 Datasheet
333Kb / 6P
   Multichannel detector head controller
C8061-01 HAMAMATSU-C8061-01 Datasheet
303Kb / 11P
   Designed for InGaAs linear image sensor
C8061-01 HAMAMATSU-C8061-01_15 Datasheet
1,001Kb / 12P
   Designed for InGaAs linear image sensor
More results

Similar Description - C8061

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7020 HAMAMATSU-C7020 Datasheet
221Kb / 7P
   CCD multichannel detector head
C5964 HAMAMATSU-C5964 Datasheet
243Kb / 6P
   NMOS multichannel detector head
C7040 HAMAMATSU-C7040 Datasheet
208Kb / 6P
   CCD multichannel detector head
C7557 HAMAMATSU-C7557_07 Datasheet
333Kb / 6P
   Multichannel detector head controller
C7180 HAMAMATSU-C7180 Datasheet
68Kb / 2P
   CCD multichannel detector head
C7557 HAMAMATSU-C7557 Datasheet
337Kb / 6P
   Multichannel detector head controller
C8892 HAMAMATSU-C8892 Datasheet
121Kb / 4P
   NMOS multichannel detector head
C7027 HAMAMATSU-C7027 Datasheet
183Kb / 7P
   CCD multichannel detector head
C7973 HAMAMATSU-C7973 Datasheet
196Kb / 7P
   CCD multichannel detector head
C5964 HAMAMATSU-C5964_05 Datasheet
286Kb / 6P
   NMOS multichannel detector head
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com