Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C7942CA Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # C7942CA
Description  Flat panel sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7942CA Datasheet(HTML) 3 Page - Hamamatsu Corporation

  C7942CA Datasheet HTML 1Page - Hamamatsu Corporation C7942CA Datasheet HTML 2Page - Hamamatsu Corporation C7942CA Datasheet HTML 3Page - Hamamatsu Corporation C7942CA Datasheet HTML 4Page - Hamamatsu Corporation C7942CA Datasheet HTML 5Page - Hamamatsu Corporation C7942CA Datasheet HTML 6Page - Hamamatsu Corporation C7942CA Datasheet HTML 7Page - Hamamatsu Corporation C7942CA Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Flat panel sensor
C7942CA, C7943CA
External mode
KACCC0139EB
1 × 1 mode (Typ.)
Parameter
Symbol
Value
Unit
Delay time (only external trigger mode)
Tvd
390
µs
Cycle time
Tvc
470
ms
Vsync
Dummy pulse width
Tvdpw
770
µs
Delay time
Thd
1.4
µs
Cycle time
Thc
190
µs
Hsync
Dummy pulse width
Thdpw
35
µs
Delay time
Tpd
65
ns
Cycle time
Tpc
66
ns
Pulse width
Tppw
33
ns
Pclk
Delay time between each block
Tpdb
200
ns
Delay time
Tdd
34
ns
Data1-12
Cycle time
Tdc
66
ns
2 × 2 mode (Typ.)
Parameter
Symbol
Value
Unit
Delay time (only external trigger mode)
Tvd
390
µs
Cycle time
Tvc
230
ms
Vsync
Dummy pulse width
Tvdpw
770
µs
Delay time
Thd
1.4
µs
Cycle time
Thc
190
µs
Hsync
Dummy pulse width
Thdpw
110
µs
Delay time
Tpd
65
ns
Cycle time
Tpc
66
ns
Pulse width
Tppw
33
ns
Pclk
Delay time between each block
Tpdb
200
ns
Delay time
Tdd
34
ns
Data1-12
Cycle time
Tdc
66
ns
4 × 4 mode (Typ.)
Parameter
Symbol
Value
Unit
Delay time (only external trigger mode)
Tvd
390
µs
Cycle time
Tvc
117
ms
Vsync
Dummy pulse width
Tvdpw
770
µs
Delay time
Thd
1.4
µs
Cycle time
Thc
190
µs
Hsync
Dummy pulse width
Thdpw
150
µs
Delay time
Tpd
65
ns
Cycle time
Tpc
66
ns
Pulse width
Tppw
33
ns
Pclk
Delay time between each block
Tpdb
200
ns
Delay time
Tdd
34
ns
Data1-12
Cycle time
Tdc
66
ns
Note) The numbers of siginificant figures is two. (except Tvc)
RECOMMENDATION: 50 % OF FRAME TIME
FROM Tvc TO 10 s
Tvc - Tvdpw
Tvd
ExtTrg
(TTL)
Vsync+
(RS-422)
Hsync+, Pclk and Data 1-12 are the same as internal trigger mode.
C7942CA
3


Similar Part No. - C7942CA

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7942CA-02 HAMAMATSU-C7942CA-02 Datasheet
137Kb / 6P
   Acquire digital X-ray image in real time and 170 & 176 mm diagonal size
C7942CA-22 HAMAMATSU-C7942CA-22 Datasheet
226Kb / 8P
   Flat panel sensor
More results

Similar Description - C7942CA

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7942CA-22 HAMAMATSU-C7942CA-22 Datasheet
226Kb / 8P
   Flat panel sensor
C10900D HAMAMATSU-C10900D_15 Datasheet
313Kb / 10P
   Flat panel sensor
C7921CA HAMAMATSU-C7921CA Datasheet
192Kb / 7P
   Flat panel sensor
C9730DK-10 HAMAMATSU-C9730DK-10_15 Datasheet
217Kb / 9P
   Flat panel sensor
C10013SK HAMAMATSU-C10013SK Datasheet
131Kb / 6P
   Flat panel sensor High reliability, high sensitivity
C9728DK-10 HAMAMATSU-C9728DK-10 Datasheet
89Kb / 4P
   Flat panel sensor Cassette type X-ray sensor with USB 2.0 interface
logo
List of Unclassifed Man...
RTD2020 ETC1-RTD2020 Datasheet
84Kb / 11P
   FLAT PANEL DISPLAY CONTROLLER
MTL004 ETC1-MTL004 Datasheet
361Kb / 54P
   XGA Flat Panel Controller
RTD2010 ETC1-RTD2010 Datasheet
75Kb / 11P
   FLAT PANEL DISPLAY CONTROLLER
logo
Realtek Semiconductor C...
RTD2660 REALTEK-RTD2660 Datasheet
5Mb / 401P
   Flat Panel Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com