Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP1240-12-YZ Datasheet(PDF) 2 Page - Marl International Limited

Part # LP1240-12-YZ
Description  Switch-Mode LED Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

LP1240-12-YZ Datasheet(HTML) 2 Page - Marl International Limited

  LP1240-12-YZ Datasheet HTML 1Page - Marl International Limited LP1240-12-YZ Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INDUSTRIES CORP. 5625-A S. Arville, Las Vegas, NV 89118 Tel:702-364-9998 Fax: 702-364-1562 www.magtechind.com Anz157
MECHANICAL DRAWING ( PRELIMINARY )
9.07 [230.5]
8.60 [218.5]
4.33 [110.0]
0.39 [10.0] (4X)
0.20 [5.0]
2.95 [75.0]
5.98 [152.0]
DC
---
LINE
BLACK
AWG
18
---
WHITE
NEUTRAL 18
---
GRN/YEL
AC GND
18
---
BLACK
GND
14
WHITE
---
+V
14
OUT
IN
AC
±1 [±25]
12.0 [305]
2 CONDUCTOR
FLEXIBLE CORD
VW-1 OR FT-1
2.0 [51]
STRIP
3
8 ±
1
8
±0.8 [±20]
6.9 [175]
LENGTH
5.12 [130.0]
Gland,
Liquid Tight,
AVC INDUSTRIAL
CORP FGA21S-10
5.12 [130.0]
1.06 [26.9]
SLOT
0.79x0.20
[20x5]
(4X)
1.91 [48.6]
1.73 [43.9]
1
2 " NPT
(THREADS:
3.5min & 5max)
(3X)
"AC INPUT
100-240VAC"
LABEL ON PLATE
CAPS (2X)
3.00 [76.2]
LENGTH
LENGTH
PIN
COLOR
OUTPUT
CON


Similar Part No. - LP1240-12-YZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP1240-12-YZ ETC1-LP1240-12-YZ Datasheet
49Kb / 2P
   Switch-Mode LED Driver
logo
Marl International Limi...
LP1240-12-YZ MARL-LP1240-12-YZ Datasheet
49Kb / 2P
   Switch-Mode LED Driver
LP1240-12-YZ MARL-LP1240-12-YZ_15 Datasheet
49Kb / 2P
   Switch-Mode LED Driver
More results

Similar Description - LP1240-12-YZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP1020CC ETC1-LP1020CC Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP1020CV ETC1-LP1020CV Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP4240-12-YZ-E ETC1-LP4240-12-YZ-E Datasheet
54Kb / 2P
   Switch-Mode LED Driver
logo
Marl International Limi...
LP1020CV MARL-LP1020CV Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP1040CC MARL-LP1040CC Datasheet
58Kb / 2P
   Switch-Mode LED Driver
LP1090-36-YZ-E MARL-LP1090-36-YZ-E Datasheet
162Kb / 2P
   Switch-Mode LED Driver
LP1020CC MARL-LP1020CC_15 Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP1020CV MARL-LP1020CV_15 Datasheet
57Kb / 2P
   Switch-Mode LED Driver
LP1025 MARL-LP1025_15 Datasheet
65Kb / 1P
   Switch-Mode LED Driver
LP1025 MARL-LP1025 Datasheet
65Kb / 1P
   Switch-Mode LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com