Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

204-997-23-38 Datasheet(PDF) 1 Page - Marl International Limited

Part # 204-997-23-38
Description  filament replacement leds
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

204-997-23-38 Datasheet(HTML) 1 Page - Marl International Limited

  204-997-23-38 Datasheet HTML 1Page - Marl International Limited 204-997-23-38 Datasheet HTML 2Page - Marl International Limited 204-997-23-38 Datasheet HTML 3Page - Marl International Limited 204-997-23-38 Datasheet HTML 4Page - Marl International Limited 204-997-23-38 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
specifications
to order
Ordering information and typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
204 series
• Direct replacement for T1 ¾ Bi-Pin
• Flat topped for enhanced, even illumination of large lens
areas
• Reduces maintenance costs
• ‘Fit and Forget’ reliability
• Warm white LED may be used behind coloured lens as a
true replacement for a filament lamp
• Pack Quantity = 20 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
204-501-21-38
Red
12 Vdc
20
600
630
-40 - +80
-40 - +100
D
204-521-21-38
Yellow
12 Vdc
20
600
585
-40 - +80
-40 - +100
D
204-532-21-38
Green
12 Vdc
20
800
515
-40 - +80
-40 - +100
F
204-930-21-38
Blue
12 Vdc
20
9870
465
-30 - +85
-40 - +100
U
204-993-21-38
Warm White
12 Vdc
20
850
* See pg.2
-30 - +85
-40 - +100
I
204-501-23-38
Red
24-28 Vdc
17
600
630
-40 - +80
-40 - +100
D
204-521-23-38
Yellow
24-28 Vdc
17
600
585
-40 - +80
-40 - +100
D
204-532-23-38
Green
24-28 Vdc
16
800
515
-40 - +80
-40 - +100
F
204-997-23-38
White
24-28 Vdc
16
27000
* See pg.2
-30 - +85
-40 - +100
I
204-993-23-38
Warm White
24-28 Vdc
16
850
* See pg.2
-30 - +85
-40 - +100
I
^ = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 2.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 204 - version 2013-12-03-173233
page 1 of 5


Similar Part No. - 204-997-23-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
204-997-23-38 MARL-204-997-23-38 Datasheet
260Kb / 3P
   FILAMENT REPLACEMENT LEDs - T1쩐
204-997-23-38 MARL-204-997-23-38 Datasheet
280Kb / 5P
   Direct replacement for T1 쩐 Bi-Pin
204-997-23-38 MARL-204-997-23-38 Datasheet
278Kb / 5P
   filament replacement leds
204-997-23-38 MARL-204-997-23-38 Datasheet
222Kb / 2P
   BULB REPLACEMENT LED
More results

Similar Description - 204-997-23-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
236-038-93_1307 MARL-236-038-93_1307 Datasheet
265Kb / 4P
   filament replacement leds
238-501-98_1309 MARL-238-501-98_1309 Datasheet
206Kb / 4P
   filament replacement leds
261-990-95-38_1311 MARL-261-990-95-38_1311 Datasheet
215Kb / 3P
   filament replacement leds
216-532-22-65_1310 MARL-216-532-22-65_1310 Datasheet
220Kb / 4P
   filament replacement leds
258-501-64-38_1312 MARL-258-501-64-38_1312 Datasheet
204Kb / 4P
   filament replacement leds
231-501-21_1309 MARL-231-501-21_1309 Datasheet
283Kb / 5P
   filament replacement leds
206-501-21-38_1312 MARL-206-501-21-38_1312 Datasheet
320Kb / 5P
   filament replacement leds
209-501-21-38_1312 MARL-209-501-21-38_1312 Datasheet
271Kb / 5P
   filament replacement leds
206-501-21-38_1312 MARL-206-501-21-38_1312 Datasheet
320Kb / 5P
   filament replacement leds
210-501-21-38_1312 MARL-210-501-21-38_1312 Datasheet
290Kb / 5P
   filament replacement leds
215-501-21-38_1311 MARL-215-501-21-38_1311 Datasheet
226Kb / 4P
   filament replacement leds
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com