Part Name
         Description
C7040

 CCD multichannel detector head ( 6 Page)


HAMAMATSU
100% 
Zoom Out Zoom In
   
 3 page
background image
CCD multichannel detector head
C7040, C7041
I Spectral response
I Device structure (back-thinned CCD area image sensor)
23
22
21
20
14
15
24
1
2
12
11
89
3
4
5
4 BLANK
4 BLANK
V=58, 122, 250
H=512, 1024
THINNING
1 23 45
2
3
4
5
V
H
6 BEVEL
6 BEVEL
13
10
SIGNAL OUT
2
n
I Dark current vs. temperature
I Specifications for temperature controller (C7041)
(Ta=25 °C, V,=+5 V, V)+=+15 V, V)-= -15 V, V) =+24 V, V, =+5 V, Vp=+5 V, V.=+12 V)
Parameter *7
Symbol
Min.
Typ.
Max.
Unit
Cooling temperature
Ts
-11
-10
-9
°C
Temperature control range
DTs
-0.05
-
+0.05
°C
Power dissipation of TE-cooler element
Pp
-
-
7
W
Cool down time to reset temperature
to
-
-
5
min.
Setting temperature for overheat protection
To
-
+45-
°C
*7: Other functions include error display, automatic power off, and detection of electrical opens and shorts by the thermosensor.
KMPDB0038EA
KMPDC0016EB
KMPDB0037EA
100
90
80
70
60
50
40
30
20
10
0
200
400
600
800
1000
1200
WAVELENGTH (nm)
(Typ. Ta=25 ˚C)
BACK
THINNED
TYPES
FRONT
ILLUMINATED
TYPES
-50
-40
-30
-20
0
-10
10
20
30
TEMPERATURE (˚C)
0.1
1
10
100
1000
10000
(Typ.)
3



Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
C7020CCD multichannel detector head 1 2 3 4 5 MoreHamamatsu Corporation
C7027CCD multichannel detector head 1 2 3 4 5 MoreHamamatsu Corporation
C7180CCD multichannel detector head 1 2 Hamamatsu Corporation
C7973CCD multichannel detector head 1 2 3 4 5 MoreHamamatsu Corporation
C5964NMOS multichannel detector head 1 2 3 4 5 MoreHamamatsu Corporation
C7557Multichannel detector head controller 1 2 3 4 5 MoreHamamatsu Corporation
C8060InGaAs multichannel detector head 1 2 3 4 5 MoreHamamatsu Corporation
C8892NMOS multichannel detector head 1 2 3 4 Hamamatsu Corporation
CXA1690QHead Amplifier for Digital CCD Cameras 1 2 3 4 5 MoreSony Corporation
CXA2006QDigital CCD Camera Head Amplifier 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl