Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110-511-04 Datasheet(PDF) 3 Page - Marl International Limited

Part # 110-511-04
Description  pcb led indicators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

110-511-04 Datasheet(HTML) 3 Page - Marl International Limited

  110-511-04 Datasheet HTML 1Page - Marl International Limited 110-511-04 Datasheet HTML 2Page - Marl International Limited 110-511-04 Datasheet HTML 3Page - Marl International Limited 110-511-04 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
to order
also available
The products listed above illustrate all of the options available to order. These products may have custom modifications that
alter their operation beyond the generic information contained within this datasheet. Please contact sales for further
information.
BS EN ISO 9001:2008
approved manufacturer
110 series
Part numbers also available in the 110 series:
Part
Number
Colour
Voltage
Vopr
110-000-01-50
Red/Green
2 mA dc
110-000-04-50
Red/Green
20 mA dc
110-000-04-52
Red/Yellow
20 mA dc
110-000-04-54
Green/Yellow
20 mA dc
110-000-04-58
G/R-G
20 mA dc
110-000-04-61
Green/Yellow
20 mA dc
110-000-04-63
Yellow/Green
20 mA dc
110-000-13-50
Green/Yellow
20 mA dc RP
110-505-04-50
Red
20 mA dc
110-505-13-26
Red
20 mA dc RP
110-511-01
Yellow
2 mA dc
110-511-04-50
Yellow
20 mA dc
110-514-04-50
Green
20 mA dc
110-530-13-51
Red/Green
20 mA dc RP
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 110 - version 2013-09-24-173133
page 3 of 4


Similar Part No. - 110-511-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
110-511-04 MARL-110-511-04 Datasheet
203Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
110-511-04 MARL-110-511-04 Datasheet
161Kb / 4P
   pcb led indicators
110-511-04-50 MARL-110-511-04-50 Datasheet
203Kb / 3P
   PCB MOUNTING LEDs - 횠 5mm
More results

Similar Description - 110-511-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
107-305-04 MARL-107-305-04_13 Datasheet
184Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
122-305-04 MARL-122-305-04_13 Datasheet
245Kb / 5P
   pcb led indicators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com