Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G3018 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # G3018
Description  N - C H A N N E L M O S F E T
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

G3018 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  G3018 Datasheet HTML 1Page - E-Tech Electronics LTD G3018 Datasheet HTML 2Page - E-Tech Electronics LTD G3018 Datasheet HTML 3Page - E-Tech Electronics LTD G3018 Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
G3018
Page: 2/4
ISSUED DATE :2005/11/30
REVISED DATE :
Electrical Characteristics(Tj = 25
Unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS=0, ID=250uA
Gate Threshold Voltage
VGS(th)
0.8
-
2.0
V
VDS=VGS, ID=0.1mA
Forward Transconductance
gfs
20
-
-
mS
VDS=3V, ID=10mA
Gate-Source Leakage Current
IGSS
-
-
±1
uA
VGS= ±20V
Drain-Source Leakage Current
IDSS
-
-
1
uA
VDS=30V, VGS=0
-
5
8
VGS=4V, ID=10mA
Static Drain-Source On-Resistance
RDS(ON)
-
7
13
VGS=2.5V, ID=1mA
Input Capacitance
Ciss
-
-
50
Output Capacitance
Coss
-
-
25
Reverse Transfer Capacitance
Crss
-
-
5
pF
VGS=0V
VDS=5V
f=1.0MHz
Source-Drain Diode
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage2
VSD
-
0.84
1.5
V
IS=100mA, VGS=0V
Notes: 1. Pulse width limited by Max. junction temperature.
2. Pulse width 300us, duty cycle 2%.
3. Surface mounted on 1 in2 copper pad of FR4 board; 270 : /W when mounted on Min. copper pad.


Similar Part No. - G3018

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3018 GTM-G3018 Datasheet
338Kb / 4P
   N-CHANNEL MOSFET
logo
Heyco.
G3018 HEYCO-G3018 Datasheet
116Kb / 1P
   Feets of Strength
logo
GTM CORPORATION
G3018K GTM-G3018K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
G3018K ETL-G3018K Datasheet
300Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
More results

Similar Description - G3018

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GTT6301K ETL-GTT6301K Datasheet
285Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
GTT8209E ETL-GTT8209E Datasheet
319Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2306A ETL-G2306A Datasheet
333Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2308 ETL-G2308 Datasheet
354Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G3018K ETL-G3018K Datasheet
300Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2N7002K ETL-G2N7002K Datasheet
372Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
G2310 ETL-G2310 Datasheet
353Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
GT2602 ETL-GT2602 Datasheet
354Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
GT2610 ETL-GT2610 Datasheet
269Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
GTT2604 ETL-GTT2604 Datasheet
283Kb / 4P
   N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com