Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QF0505XM Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # QF0505XM
Description  0.25W, FIXED INPUT, ISOLATED UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

QF0505XM Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  QF0505XM Datasheet HTML 1Page - Microdc power Technology Co., Ltd QF0505XM Datasheet HTML 2Page - Microdc power Technology Co., Ltd QF0505XM Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
QF
QF-X
-XMS
MS
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 3
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646 E-mail:tech@microdc.cn
Website:http://www.microdc.cn
Microdc Professional Power module,Inc.makes no representation that
the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or
future patent rights. Specifications are subject to change without notice.
©2010 Microdc Professional Power Module, Inc. Guangzhou
RoHS COMPLIANT INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300°C
for 10 seconds. The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte
Tin with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this series are
backward compatible with Sn/Pb soldering systems.
REACH COMPLIANT INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has harmful chemical
substances through the registration, inspection and approval.
Dimensions
Dimensions
Pin
Pin Out
Out Specifications
Specifications
Pin
Single
1
- V Input
2
+V Input
3
- V Output
4
+V Output
Recommended
Recommended footprint
footprint details
details
4
4 PIN
PIN SIP
SIP Package
Package
Isolation
Isolation Specifications
Specifications
Conditions
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
3000
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF
TUBE
TUBE OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
4
4 PIN
PIN SIP
SIP Tube
Tube
Unless otherwise stated all dimensions in inches (mm) ±0.5mm.
Tube length (4 Pin SIP) : 20.47 (520mm ±2mm).
Tube Quantity :25


Similar Part No. - QF0505XM

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
QF0505XMS MICRODC-QF0505XMS Datasheet
422Kb / 3P
   0.25W, FIXED INPUT, ISOLATED UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - QF0505XM

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
QD8E-3U GAPTEC-QD8E-3U Datasheet
835Kb / 5P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
QF-XMS MICRODC-QF-XMS Datasheet
422Kb / 3P
   0.25W, FIXED INPUT, ISOLATED UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
QT8E-3UP GAPTEC-QT8E-3UP Datasheet
1Mb / 4P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QD8E GAPTEC-QD8E Datasheet
835Kb / 5P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QS4A GAPTEC-QS4A Datasheet
989Kb / 3P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QS7B GAPTEC-QS7B Datasheet
758Kb / 3P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QT8A GAPTEC-QT8A Datasheet
1Mb / 4P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QT8A-3UP GAPTEC-QT8A-3UP Datasheet
1Mb / 4P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QT8E GAPTEC-QT8E Datasheet
657Kb / 3P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
QS4E GAPTEC-QS4E Datasheet
846Kb / 5P
   0.25W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com