Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1209XN1S Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # B1209XN1S
Description  Isolated 1W Single Output DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

B1209XN1S Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  B1209XN1S Datasheet HTML 1Page - Microdc power Technology Co., Ltd B1209XN1S Datasheet HTML 2Page - Microdc power Technology Co., Ltd B1209XN1S Datasheet HTML 3Page - Microdc power Technology Co., Ltd B1209XN1S Datasheet HTML 4Page - Microdc power Technology Co., Ltd B1209XN1S Datasheet HTML 5Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
B
B-X
-XN1S
N1S Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 5
Output
Output Specifications
Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA= -40°C to 120°C
1.0
W
Rated Power(B24、B48)
TA=0°C to 70°C
1.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.0
1.2
%%
Line regulation(B24、B48)
High VIN to low VIN
1.2
%%
Load regulation(B24、B48)
10% load to rated load, 5V output types
15
%
10% load to rated load,all other output types
10
%
Load regulation(5Vinput、
12Vinput)
10% load to rated load, 5V output types
10
12.5
%
10% load to rated load, 9V output types
9
10
%
10% load to rated load,12V output types
6.5
7.5
%
10% load to rated load,15V output types
6
7.0
%
Load regulation(15V input)
10% load to rated load, 5V output types
5.5
10
%
10% load to rated load,12V output types
2.6
3.0
%
10% load to rated load, 15V output types
2.3
3.0
%
Ripple&Noise(B24、B48)
BW=DC to 20MHz, all input types
150
mV p-p
Ripple&Noise
BW=DC to 20MHz, 5V output types
10
20
mV p-p
BW=DC to 20MHz, 9V output types
7
15
mV p-p
BW=DC to 20MHz, 12V output types
7.5
15
mV p-p
BW=DC to 20MHz, 15V output types
8
15
mV p-p
Temperature
Temperature Characteristics
Characteristics
Conditions
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
B05、B12、B15
-40
85
Specification
B24、B48
0
70
Storage
B05、B12、B15
-50
130
Storage
B24、B48
-55
150
Case temperature rise
above
ambient
0505,1205
33
0509,0512,0515,1209,1212,1215
28
1505
26
1512,1515
17
Cooling
Free air convection
Temperature
Temperature derating
derating graph
graph
Tolerance
Tolerance envelope
envelope
85° c
70° c
5V & 12V Input 24V & 48V Input
Ambient Temperature (
C)
O
u
t
p
u
t
P
o
w
e
r
(
W
)
General
General Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
5V input types
110
kHz
12V input types
140
kHz
15V input types
90
kHz
Switching frequency(B24、B48)
All input types
100
kHz
Isolation
Isolation Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso= 1000VDC
10
GΩ
Resistance(B24、B48)
Viso= 500VDC
10
GΩ


Similar Part No. - B1209XN1S

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B1209XNM MICRODC-B1209XNM Datasheet
655Kb / 4P
   Isolated 2W Single Output DC/DC Converters
More results

Similar Description - B1209XN1S

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
   Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD MICRODC-B-XD Datasheet
713Kb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
   Isolated 1W Single Output DC/DC Converters
logo
C&D Technologies
NME-1 CANDD-NME-1 Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com