Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1205XT Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # A1205XT
Description  1W, FIXED INPUT, ISOLATED DUAL OUTPUT SMD DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

A1205XT Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  A1205XT Datasheet HTML 1Page - Microdc power Technology Co., Ltd A1205XT Datasheet HTML 2Page - Microdc power Technology Co., Ltd A1205XT Datasheet HTML 3Page - Microdc power Technology Co., Ltd A1205XT Datasheet HTML 4Page - Microdc power Technology Co., Ltd A1205XT Datasheet HTML 5Page - Microdc power Technology Co., Ltd A1205XT Datasheet HTML 6Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
A
A-XT
-XT
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 6
1. Calculated using MIL-HDBK-217F with nominal input voltage at full load.
All specifications typical at TA=25℃, nominal input voltage and rated output current unless otherwise specified.
MODEL
MODEL SELECTION
SELECTION
A
A
05
05
05
05
X
X
T
T
Product Series
Input Voltage
Output Voltage
Fixed Input
SMD Package
MICRODC R ESERVES THE COPYRIGHT
1W, FIXED INPUT, ISOLATED DUAL OUTPUT SMD DC-DC CONVERTER
FEATURES
FEATURES
Footprint over pins 1.64cm2
Short Circuit Protection(automatic recovery)
I/O isolation voltage 1000VDC
Operating Temperature: -40℃~﹢85℃
High efficiency up to 78%
Toroidal magnetics
Small SMD package with footprint
Power density 1.36W/cm3
Lead frame technology
Multi-layer ceramic capacitors
Custom solutions available
APPLICATIONS
APPLICATIONS
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Output
Efficiency
Isolation
Capacitance
MTTF1
Voltage(VDC)
Current (mA)
Voltage
(VDC)
Current
(mA)
(%.Typ.)
Nominal
Rated Load
pF
KHrs
A0303XT
3.3
402
±3.3
±152
81
29
1005
A0305XT
3.3
388
±5
±100
83
30
399
A0309XT
3.3
405
±9
±55
74
34
827
A0312XT
3.3
390
±12
±42
76
40
375
A0315XT
3.3
392
±15
±33
81
42
206
A0503XT
5
259
±3.3
±152
85
31
964
A0505XT
5
290
±5
±100
83
33
1697
A0505NXT
5
251
±5
±100
86
42
367
A0509XT
5
267
±9
±55
85
38
682
A0512XT
5
260
±12
±42
74
44
343
A0515XT
5
256
±15
±33
78
43
188
A1205XT
12
121
±5
±100
80
50
559
A1209XT
12
113
±9
±55
80
72
375
A1212XT
12
111
±12
±42
85
89
243
A1215XT
12
110
±15
±33
81
100
154
The A-XT series are miniature,1W DC/DC
converters with high isolation in a
SMD package. With a new package design
these converters are qualified for the higher
temperatures requested by lead-free reflow
solder processes. With the small footprint,
these converters are the ideal solution for
board level power distribution,mainly for
applications in the industrial and telecom field.
For automated SMD production lines the
devices can be supplied in standard tape and
reel package.
Input
Input Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 3V input
2.97
3.3
3.63
VDC
Continuous operation, 5V input
4.5
5
5.5
VDC
Continuous operation, 12V input
10.8
12
13.2
VDC
Start up time
41
50
mA p-p
IIsolation
solation Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso= 1000VDC
10
GΩ
General
General Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
0312, 0315
100
kHz
0303, 0305, 0503, 0505
110
kHz
All other variants
115
kHz
Absolute
Absolute Maximum
Maximum Ratings
Ratings
Parameter
Conditions
Lead temperature 1.5mm from case for 10 seconds
300℃
Internal power dissipation
700mW
Input voltage V , A03 types
5.5V
Input voltage Vin, A05 types
7V
Input voltage Vin, A12 types
15V


Similar Part No. - A1205XT

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
A1205XT-1W MICRODC-A1205XT-1W Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUTSMDC-DCCONVERTER
logo
MORNSUN Science& Techno...
A1205XT-1WR2 MORNSUN-A1205XT-1WR2 Datasheet
314Kb / 4P
   DC/DC Converter
A1205XT-1WR2 MORNSUN-A1205XT-1WR2 Datasheet
334Kb / 5P
   DC/DC Converter
A1205XT-1WR2 MORNSUN-A1205XT-1WR2 Datasheet
758Kb / 5P
   UNREGULATED DUAL OUTPUT
A1205XT-1WR2 MORNSUN-A1205XT-1WR2 Datasheet
266Kb / 5P
   DC/DC Converter
More results

Similar Description - A1205XT

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B-XT MICRODC-B-XT Datasheet
1,013Kb / 6P
   1W, FIXED INPUT, ISOLATED SINGLE OUTPUT SMD DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T10A-3UP GAPTEC-1T10A-3UP Datasheet
823Kb / 4P
   1W - Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
FE-XT MICRODC-FE-XT Datasheet
669Kb / 3P
   1W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T10A GAPTEC-1T10A Datasheet
800Kb / 4P
   1W - Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Crystek Corporation
IB0512LT-1W CRYSTEKCRYSTAL-IB0512LT-1W Datasheet
304Kb / 3P
   1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT SMD DC-DC CONVERTER
logo
RSG Electronic Componen...
B0303XT-1W RSG-B0303XT-1W Datasheet
206Kb / 2P
   1W,FIXED INPUT, ISOLATED & UNREGULATED single OUTPUT, SMD DC-DC CONVERTER
logo
MORNSUN Science& Techno...
A0505XT-1W MORNSUN-A0505XT-1W Datasheet
445Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL OUTPUT DC-DC CONVERTER ULTRAMINIATURE SMD PACKAGE
logo
Crystek Corporation
F0505T-1W CRYSTEKCRYSTAL-F0505T-1W_10 Datasheet
327Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T16WE GAPTEC-1T16WE Datasheet
851Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Regulated
1S7E GAPTEC-1S7E Datasheet
1Mb / 5P
   1W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com