Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B0512XLMS Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # B0512XLMS
Description  1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

B0512XLMS Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  B0512XLMS Datasheet HTML 1Page - Microdc power Technology Co., Ltd B0512XLMS Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A-XM
A-XMS
S
B-XLM
B-XLMS
S S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 2
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Output
Efficiency
(%,Typ)
Switching
Frequency
(KHz,Typ)
Voltage(VDC)
Voltage
(VDC)
Current
Nominal
Range
Max
Min
A0505XMS
5
4.5-5.5
±5
±100
±10
70
84
A0509XMS
5
4.5-5.5
±9
±56
±6
75
81
A0512XMS
5
4.5-5.5
±12
±42
±5
78
82
A0515XMS
5
4.5-5.5
±15
±33
±4
79
83
A1205XMS
12
10.8-13
±5
±100
±10
72
180
A1209XMS
12
10.8-13
±9
±56
±6
75
150
A1212XMS
12
10.8-13
±12
±42
±5
77
84
A1215XMS
12
10.8-13
±15
±33
±4
79
83
B0505XLMS
5
4.5-5.5
5
200
20
70
82
B0509XLMS
5
4.5-5.5
9
111
12
75
83
B0512XLMS
5
4.5-5.5
12
83
9
79
83
B0515XLMS
5
4.5-5.5
15
67
7
80
80
B1205XLMS
12
10.8-13
5
200
20
72
84
B1209XLMS
12
10.8-13
9
111
12
75
81
B1212XLMS
12
10.8-13
12
83
9
77
82
B1215XLMS
12
10.8-13
15
67
7
79
83
B2405XLMS
24
21.6-26
5
200
20
70
82
B2409XLMS
24
21.6-26
9
111
12
73
83
B2412XLMS
24
21.6-26
12
83
9
75
83
B2415XLMS
24
21.6-26
15
67
7
78
80
B2424XLMS
24
21.6-26
24
42
5
77
84
MODEL
MODEL SELECTION
SELECTION
B
B
05
05
05
05
X
X
LM
LMS
S
Product Series
Input Voltage
Output Voltage
Fixed Input
Package Style
MICRODC R ESERVES THE COPYRIGHT
1W, FIXED INPUT, ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
FEATURES
FEATURES
RoHS compliant
Efficiency up to 80%
Miniature SIP Package Style
Wide temperature performance at full 1
Watt load,-40°C to 85 °C
UL 94V-0 package material
No heatsink required
Industry standard pinout
Power sharing on output
1KVDC isolation
Continuous Short Circuit Protection
Internal SMD construction
No external components required
APPLICATIONS
APPLICATIONS
The A_XMS&B_XLMS Series are specially
designed for applications where a group of
polar power supplies are isolated from the input
power supply in a
distributed power supply
system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply
is fixed (voltage variation ≤ ±10%);
2) Where isolation is necessary between input
and output (isolation voltage ≤1000VDC);
3) Where the regulation of the output voltage
and the output ripple noise are not demanding.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power
device driving circuits.
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min.
Typ.
Max
Unit
Output power
0.1
1
W
Line regulation
For Vin change of 1%
1.2
%
Load regulation
10% to 100% full load(5V output)
10
15
10% to 100% full load(9V output)
8.3
10
10% to 100% full load(12V output)
6.8
10
10% to 100% full load(15V output)
6.3
10
10% to 100% full load(24V output)
5
10
Output voltage
See tolerance envelope graph
Temperature drift
100% full load
0.03
%/°C
Output Ripple&Noise*
20MHz Bandwidth(A-XMS)
50
75
MV
p-p
20MHz Bandwidth(B-XLMS)
75
100
Switching frequency
100% load, nominal input(5V,12V)
100
Khz
100% load, nominal input(24V)
500
* Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power
Converter section, application notes.
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 minute and 1mA max
1000
VDC
Isolation resistance
Test at Viso=500VDC
1000


Similar Part No. - B0512XLMS

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B0512XLM MICRODC-B0512XLM Datasheet
521Kb / 2P
   1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
B0512XLM-W5 MICRODC-B0512XLM-W5 Datasheet
519Kb / 2P
   0.5W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT,SUPERMINIATURE SIP6 PACKAGE
More results

Similar Description - B0512XLMS

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
A-XM MICRODC-A-XM Datasheet
521Kb / 2P
   1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
A-XM-1W MICRODC-A-XM-1W Datasheet
705Kb / 2P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
logo
GAPTEC Electronic GmbH ...
1S7A-DS3UP GAPTEC-1S7A-DS3UP Datasheet
402Kb / 3P
   1W - Dual Separate Output - Fixed Input - Isolated & Unregulated SIP PACKAGE
1S7A-DS1U GAPTEC-1S7A-DS1U Datasheet
452Kb / 2P
   1W - Dual Separate Output - Fixed Input - Isolated & Unregulated SIP PACKAGE
1S4E GAPTEC-1S4E Datasheet
922Kb / 4P
   1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
1S4A GAPTEC-1S4A Datasheet
1Mb / 4P
   1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
logo
Microdc power Technolog...
B-XLM-W5 MICRODC-B-XLM-W5 Datasheet
519Kb / 2P
   0.5W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT,SUPERMINIATURE SIP6 PACKAGE
logo
GAPTEC Electronic GmbH ...
1D14B GAPTEC-1D14B Datasheet
989Kb / 3P
   1W Single/Dual Output - Fixed Input - Isolated & Unregulated DIP PACKAGE
logo
MORNSUN Science& Techno...
H0503S-1W MORNSUN-H0503S-1W Datasheet
1,014Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
logo
GAPTEC Electronic GmbH ...
2S7A-1U GAPTEC-2S7A-1U Datasheet
924Kb / 5P
   2W Single Output - Fixed Input - Isolated & Unregulated SIP PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com