Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3H1224XESR Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # 3H1224XESR
Description  Isolated 3W Single Output DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

3H1224XESR Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  3H1224XESR Datasheet HTML 1Page - Microdc power Technology Co., Ltd 3H1224XESR Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3
3B-XES
B-XESR
R&
&3
3F-XES
F-XESR
R&
&3
3H-XES
H-XESR
R
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 2
MODELS
MODELS Single
Single output
output
Models
Input
Voltage
Ouput
Voltage
Ouput
Current max.
Isolation 1000VDC
Isolation 3000VDC
Isolation 6000VDC
3B0503XESR
3F0503XESR
3H0503XESR
5V±10%
3.3VDC
800mA
3B0505XESR
3F0505XESR
3H0505XESR
5VDC
600mA
3B0507XESR
3F0507XESR
3H0507XESR
7.2VDC
417mA
3B0509XESR
3F0509XESR
3H0509XESR
9VDC
333mA
3B0512XESR
3F0512XESR
3H0512XESR
12VDC
250mA
3B0515XESR
3F0515XESR
3H0515XESR
15VDC
200mA
3B0518XESR
3F0518XESR
3H0518XESR
18VDC
167mA
3B0524XESR
3F0524XESR
3H0524XESR
24VDC
125mA
3B1203XESR
3F1203XESR
3H1203XESR
12V±10
%
3.3VDC
800mA
3B1205XESR
3F1205XESR
3H1205XESR
5VDC
600mA
3B1207XESR
3F1207XESR
3H1207XESR
7.2VDC
417mA
3B1209XESR
3F1209XESR
3H1209XESR
9VDC
333mA
3B1212XESR
3F1212XESR
3H1212XESR
12VDC
250mA
3B1215XESR
3F1215XESR
3H1215XESR
15VDC
200mA
3B1218XESR
3F1218XESR
3H1218XESR
18VDC
167mA
3B1224XESR
3F1224XESR
3H1224XESR
24VDC
125mA
3B2403XESR
3F2403XESR
3H2403XESR
24V±10
%
3.3VDC
800mA
3B2405XESR
3F2405XESR
3H2405XESR
5VD
600mA
3B2407XESR
3F2407XESR
3H2407XESR
7.2VD
417mA
3B2409XESR
3F2409XESR
3H2409XESR
9VDC
333mA
3B2412XESR
3F2412XESR
3H2412XESR
12VDC
250mA
3B2415XESR
3F2415XESR
3H2415XESR
15VDC
200mA
3B2418XESR
3F2418XESR
3H2418XESR
18VDC
167mA
3B2424XESR
3F2424XESR
3H2424XESR
24VDC
125mA
MODEL
MODEL SELECTION
SELECTION
3
3B
B
24
24
05
05
X
X
ES
ES
R
R
Product Series
Input Voltage
Output Voltage
3Fixed Input
EXTEND SIP
Regulated Output
ELECTRICAL
ELECTRICAL SPECIFICATIONS
SPECIFICATIONS
Specifications
Specifications typical
typical at
at +25
+25 °
°
C,
C, nominal
nominal input
input voltage,
voltage, rated
rated output
output
current
current unless
unless otherwise
otherwise specifie
specifie
Input Specifications:
Voltage range
±10%
Filter
p (Pi) Network
Isolation Specifications:
Rated voltage (60 sec)
1000, 3000, 6000VDC
Resistance
> 1000MOhm
Capacitance
60pF, typ.
Output Specifications:
Voltage accuracy
±2%, max
Ripple & noise (at 20MHz BW)
75mVp-p, max.
Short circuit protection
Continuous
Short circuit restart
Automatic
Line voltage regulation
±0.5%, max.
Load voltage regulation
±0.5%, max
Temperature coefficient
±0.02%/℃, typ
MICRODC R ESERVES THE COPYRIGHT
Isolated 3W Single Output DC/DC Converters
FEATURES
FEATURES
REGULATED SINGLE OUTPUT
12 PIN SIP PACKAGE
LOW RIPPLE & NOISE
HIGH EFFICIENCY UP TO 75%
INPUT/OUTPUT ISOLATION: 1000,
3000 & 6000VDC
OPERATING TEMPERATURE: -25°C~ +71°C
PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
APPLICATIONS
APPLICATIONS
Our series is a 3Family o3F cost e3F3Fective
3W single output DC-DC converters.These
converters combine miniature package in a
12-pin SIP compatible case with high
performance features such as 1000, 3000 &
6000VDC input/output isolation voltage,
continuous short circuit protection with automatic
restart and tight line / load regulation. Seventy
two models operate from input voltages of 5, 12
& 24VDC with producing output voltage levels of
3.3, 5, 7.2, 9, 12, 15, 18, 24VDC.
High performance features include high
efficiency operation up to 70% and output
voltage accuracy of ±2 maximum. Standard
features include an input range of ±10%
tolerance and low output noise and ripple. All
models are package in a low profile
31.80x8.60x13.47mm 12 pin SIP non-conductive
black plastic case. Operation is specified over
the full operating temperature range of -25℃ to
+71℃ with no derating required. Cooling is by
free-air convection.


Similar Part No. - 3H1224XESR

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
3H15W4PAM42A10X CONEC-3H15W4PAM42A10X Datasheet
671Kb / 1P
   D-SUB HD COMBINATION MALE 15W4P SOLDER CUP
25.05.10
3H15W4PAM42A30X CONEC-3H15W4PAM42A30X Datasheet
257Kb / 1P
   D-SUB HD COMBINATION MALE 15W4P SOLDER CUP with threaded insert
24.11.10
3H15W4PAM62A10X CONEC-3H15W4PAM62A10X Datasheet
671Kb / 1P
   D-SUB HD COMBINATION MALE 15W4P SOLDER CUP
25.05.10
3H15W4PAM62A30X CONEC-3H15W4PAM62A30X Datasheet
257Kb / 1P
   D-SUB HD COMBINATION MALE 15W4P SOLDER CUP with threaded insert
24.11.10
3H15W4PAM99A10X CONEC-3H15W4PAM99A10X Datasheet
227Kb / 1P
   D-SUB HD COMBINATION MALE 15W4P SOLDER CUP
13.03.2013
More results

Similar Description - 3H1224XESR

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
MEE3S0509SC MURATA-MEE3S0509SC Datasheet
209Kb / 5P
   1kVDC Isolated 3W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL-3W TOPPOWER-TPL-3W Datasheet
613Kb / 3P
   3W 1.5KVDC Isolated Single Output DC/DC Converters
TPL-3W TOPPOWER-TPL-3W_V01 Datasheet
765Kb / 3P
   3W 1.5KVDC Isolated Single Output DC/DC Converters
logo
Murata Power Solutions ...
MEV3 MURATA-PS-MEV3 Datasheet
129Kb / 5P
   3kVDC Isolated 3W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2S TOPPOWER-TP2S Datasheet
631Kb / 3P
   3W 1KVDC Isolated Single Output DC/DC Converters
TPG-3W TOPPOWER-TPG-3W Datasheet
645Kb / 3P
   3W 3KVDC Isolated Single Output DC/DC Converters
TPH-3W TOPPOWER-TPH-3W Datasheet
834Kb / 4P
   3W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDH2415SC MURATA-NDH2415SC Datasheet
113Kb / 4P
   Isolated 3W Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NCS3 MURATA-PS-NCS3 Datasheet
252Kb / 10P
   Isolated 3W 4:1 Input Single Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com