Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B0505XD Datasheet(PDF) 4 Page - Microdc power Technology Co., Ltd

Part # B0505XD
Description  Isolated 1W Single Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

B0505XD Datasheet(HTML) 4 Page - Microdc power Technology Co., Ltd

  B0505XD Datasheet HTML 1Page - Microdc power Technology Co., Ltd B0505XD Datasheet HTML 2Page - Microdc power Technology Co., Ltd B0505XD Datasheet HTML 3Page - Microdc power Technology Co., Ltd B0505XD Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
B
B-X
-X(S)D
(S)D
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 4 of 4
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
DIP
DIP Package
Package
SIP
SIP Package
Package
All
All dimensions
dimensions in
in inches
inches ±
±0.01(mm
0.01(mm±
±0.25mm).All
0.25mm).All pins
pins on
on a
a 0.1(2.54)
0.1(2.54) pitch
pitch and
and within
within ±
±0.01(0.25)of
0.01(0.25)of true
true position.
position.
Weight: 1.48g (DIP)1.30g (SIP)
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
-8
-8 PIN
PIN DIP
DIP
-4
-4 PIN
PIN SIP
SIP
P
Pin
in
Function
Function
P
Pin
in
F
Function
unction
1
1
-Vin
1
1
-Vin
4
4
+Vin
2
2
+Vin
5
5
+Vout
3
3
-Vout
7
7
-Vout
4
4
+Vout
Specifcations can be changed any time without notice.
No parallel connection or plug and play.
Note:
1. The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
2. Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
3. All specifications measured at Ta=25°C, humidity<75%, nominal input voltage and rated output load unless
otherwise specified.
4. In this datasheet, all the test methods of indications are based on corporate standards.
Recommended
Recommended footprint
footprint details
details
8
8 PIN
PIN DIP
DIP Package
Package
4
4 PIN
PIN SIP
SIP Package
Package
TUBE
TUBE OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
8
8 PIN
PIN DIP
DIP Tube
Tube
4
4 PIN
PIN SIP
SIP Tube
Tube
Unless otherwise stated all dimensions in inches (mm) ±0.5mm.
Tube length (14 Pin DIP) : 20.47 (520mm ±2mm).
Tube length (4 Pin SIP) : 20.47 (520mm ±2mm).
Tube Quantity :25


Similar Part No. - B0505XD

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0505XD-1W MORNSUN-B0505XD-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Microdc power Technolog...
B0505XDP01 MICRODC-B0505XDP01 Datasheet
584Kb / 4P
   Isolated 1W Single Output DC/DC Converters
More results

Similar Description - B0505XD

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NMR MURATA-NMR_12 Datasheet
209Kb / 5P
   Isolated 1W Single Output DC/DC Converters
NME0505DC MURATA-NME0505DC Datasheet
188Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XN2S-1W MICRODC-B-XN2S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
B0303XLS-1W MICRODC-B0303XLS-1W Datasheet
1Mb / 4P
   Isolated 1W Single Output DC/DC Converters
B-XN1S MICRODC-B-XN1S Datasheet
497Kb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
C&D Technologies
NME-1 CANDD-NME-1 Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com