Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A0512XMS Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # A0512XMS
Description  1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

A0512XMS Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  A0512XMS Datasheet HTML 1Page - Microdc power Technology Co., Ltd A0512XMS Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A-XM
A-XMS
S
B-XLM
B-XLMS
S S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 2
COMMON
COMMON SPECIFICATIONS
SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Units
Storage humidity range
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Lead temperature
1.5mm from case for 10 seconds
300
Temp.rise at full load
15
25
Cooling
Free air convection
Case material
Plastic(UL94-V0)
Short circuit protection*
Continuous
1
s
MTBF
3500
K hours
Weight
2.1
g
*Supply voltage must be discontinued at the end of short circuit duration.
TYPICAL
TYPICAL CHARACTERISTICS
CHARACTERISTICS
Temperature Derating Graph
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS &
& PIN
PIN CONNECTIONS
CONNECTIONS
SIZE Graph
RECOMMENDED FOOTPRINT
Top view,grid:2.54mm(0.1inch)
diameter:1.00mm(0.039inch)
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
Pin
Single
Dual
1
VIN
VIN
2
GND
GND
4
0V
-Vo
5
NC
0V
6
+Vo
+Vo
N C - Not available for electrical connection.
Note:
Unit:mm(inch)
Pin section:0.50*0.3mm(0.020*0.012inch)
Pin section tolerances:±0.10mm(±0.004inch)
General tolerances: ±0.25mm(±0.010inch)
Requirement on output load
To ensure this module can operate efficiently and reliably, a minimum load is specified for this kind of DC/DC
converter in addition to a maximum load(namely full load).During operation, make sure the specified range
of input voltage is not exceeded,the minimum output load is not less than 10% of the full load, and that this
product should never be operated under no load!
Overload Protection
Under normal operating conditions, the output circuit of these products has no
protection against overload. The simplest method is to connect a self-recovery
fuse in series at the input end or add a circuit breaker to the circuit.
Recommended testing and application circuit
If you want to further decrease the input/output ripple, an “LC” filtering network
may be connected to the input and output ends of the DC/DC converter, see
(Figure 1).
It should also be noted that the inductance and the frequency of the “LC”
filtering network should be staggered with the DC/DC frequency to avoid
mutual interference. However, the capacitance of the output filter capacitor
must be proper. If the capacitance is too big, a startup problem might arise.
For every channel of output, provided the safe and reliable operation is
ensured, the greatest capacitance of its filter capacitor sees (Table 1).
EXTERNAL CAPACITOR TABLE (TABLE 1)
Vin
Cin
Single
Vout
Cout
Dual
Vout
Cout
(VDC)
(μF)
(VDC)
(μF)
(VDC)
(μF)
5
47
5
10
±
5
4.7
12
2.2
9
4.7
±
9
2.2
24
1.0
12
2.2
±
12
1.0
--
--
15
1
±
15
0.47
It's not recommend to connect any external capacitor in the application field
with less than 0.5 watt output.
Output Voltage Regulation and Over-voltage Protection Circuit
The simplest device for output voltage regulation, over-voltage and
over-current protection is a linear voltage regulator with overheat protection
that is conn ected to the in put or outp ut en d in series (Figu re 2).
When the environment temperature is higher than 71°C, the
product output power should be less than 60% of the
rated power.
No parallel connection or plug and play.
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646 E-mail:tech@microdc.cn
Website:http://www.microdc.cn
RoHS COMPLIANT INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300°C for 10 seconds.
The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin with Nickel Preplate. The DIP
types are Matte Tin over Nickel Preplate. Both types in this series are backward compatible with Sn/Pb soldering
systems.
REACH COMPLIANT INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has harmful chemical substances
through the registration, inspection and approval.


Similar Part No. - A0512XMS

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
A0512XM MICRODC-A0512XM Datasheet
521Kb / 2P
   1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
A0512XMD MICRODC-A0512XMD Datasheet
298Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP8 DC?껪C Converter
A0512XMD-1W MICRODC-A0512XMD-1W Datasheet
471Kb / 2P
   1KV ISOLATED 1WUNREGULATEDDUALOUTPUTDIP8 DC?껪C Converter
More results

Similar Description - A0512XMS

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
A-XM MICRODC-A-XM Datasheet
521Kb / 2P
   1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
A-XM-1W MICRODC-A-XM-1W Datasheet
705Kb / 2P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
logo
GAPTEC Electronic GmbH ...
1S7A-DS3UP GAPTEC-1S7A-DS3UP Datasheet
402Kb / 3P
   1W - Dual Separate Output - Fixed Input - Isolated & Unregulated SIP PACKAGE
1S7A-DS1U GAPTEC-1S7A-DS1U Datasheet
452Kb / 2P
   1W - Dual Separate Output - Fixed Input - Isolated & Unregulated SIP PACKAGE
1S4E GAPTEC-1S4E Datasheet
922Kb / 4P
   1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
1S4A GAPTEC-1S4A Datasheet
1Mb / 4P
   1W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
logo
Microdc power Technolog...
B-XLM-W5 MICRODC-B-XLM-W5 Datasheet
519Kb / 2P
   0.5W, FIXED INPUT, ISOLATED&UNREGULATED SINGLE OUTPUT,SUPERMINIATURE SIP6 PACKAGE
logo
GAPTEC Electronic GmbH ...
1D14B GAPTEC-1D14B Datasheet
989Kb / 3P
   1W Single/Dual Output - Fixed Input - Isolated & Unregulated DIP PACKAGE
logo
MORNSUN Science& Techno...
H0503S-1W MORNSUN-H0503S-1W Datasheet
1,014Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
logo
GAPTEC Electronic GmbH ...
2S7A-1U GAPTEC-2S7A-1U Datasheet
924Kb / 5P
   2W Single Output - Fixed Input - Isolated & Unregulated SIP PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com