Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM5261 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # ZMM5261
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

ZMM5261 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  ZMM5261 Datasheet HTML 1Page - GOOD-ARK Electronics ZMM5261 Datasheet HTML 2Page - GOOD-ARK Electronics ZMM5261 Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes:
(1) The Zener Impedance is derived from the 60Hz AC voltage which results when an AC current having an RMS value
equal to 10% of the Zener current (I
ZT or IZK) is superimposed on IZT or IZK. Zener Impedance is measured at two
points to insure a sharp knee on the breakdown curve and to eliminate unstable units.
(2) Valid provided that electrodes are kept at ambient temperature.
(3) Measured under thermal equilibrium and DC test conditions.
Type
Nominal
Zener
voltage 3)
Test
current
Maximum Zener Impedance 1) Maximum reverse leakage current
Maximum
regulator
current 2)
Typical
temperature
coefficient
at I
ZT
V
Z
I
ZT
at I
ZT
Z
ZT
at
I
ZK=0.25mA
Z
ZK
I
R
Test voltage
Suffix A
Suffix B
I
ZM
VZ
VmA
uA
V
R VVR VmA
%/K
ZMM5225
3.0
20
29
1600
50
0.95
1.0
152
-0.075
ZMM5226
3.3
20
28
1600
25
0.95
1.0
138
-0.070
ZMM5227
3.6
20
24
1700
15
0.95
1.0
126
-0.065
ZMM5228
3.9
20
23
1900
10
0.95
1.0
115
-0.060
ZMM5229
4.3
20
22
2000
5
0.95
1.0
106
-0.055
ZMM5230
4.7
20
19
1900
5
1.9
2.0
97
±
0.030
ZMM5231
5.1
20
17
1600
5
1.9
2.0
89
±
0.030
ZMM5232
5.6
20
11
1600
5
2.9
3.0
81
+0.038
ZMM5233
6.0
20
7
1600
5
3.3
3.5
76
+0.038
ZMM5234
6.2
20
7
1000
5
3.8
4.0
73
+0.045
ZMM5235
6.8
20
5
750
3
4.8
5.0
67
+0.050
ZMM5236
7.5
20
6
500
3
5.7
6.0
61
+0.058
ZMM5237
8.2
20
8
500
3
6.2
6.5
55
+0.062
ZMM5238
8.7
20
8
600
3
6.2
6.5
52
+0.065
ZMM5239
9.1
20
10
600
3
6.7
7.0
50
+0.068
ZMM5240
10
20
17
600
3
7.6
8.0
45
+0.075
ZMM5241
11
20
22
600
2
8.0
8.4
41
+0.076
ZMM5242
12
20
30
600
1
8.7
9.1
38
+0.077
ZMM5243
13
9.5
13
600
0.5
9.4
9.9
35
+0.079
ZMM5244
14
9.0
15
600
0.1
9.5
10
32
+0.082
ZMM5245
15
8.5
16
600
0.1
10.5
11
30
+0.082
ZMM5246
16
7.8
17
600
0.1
11.4
12
28
+0.083
ZMM5247
17
7.4
19
600
0.1
12.4
13
27
+0.084
ZMM5248
18
7.0
21
600
0.1
13.3
14
25
+0.085
ZMM5249
19
6.6
23
600
0.1
13.3
14
24
+0.086
ZMM5250
20
6.2
25
600
0.1
14.3
15
23
+0.086
ZMM5251
22
5.6
29
600
0.1
16.2
17
21
+0.087
ZMM5252
24
5.2
33
600
0.1
17.1
18
19.1
+0.087
ZMM5253
25
5.0
35
600
0.1
18.1
19
18.2
+0.089
ZMM5254
27
4.6
41
600
0.1
20
21
16.8
+0.090
ZMM5255
28
4.5
44
600
0.1
20
21
16.2
+0.091
ZMM5256
30
4.2
49
600
0.1
22
23
15.1
+0.091
ZMM5257
33
3.8
58
700
0.1
24
25
13.8
+0.092
ZMM5258
36
3.4
70
700
0.1
26
27
12.6
+0.093
ZMM5259
39
3.2
80
800
0.1
29
30
11.6
+0.094
ZMM5260
43
3.0
93
900
0.1
31
33
10.6
+0.095
ZMM5261
47
2.7
105
1000
0.1
34
36
9.7
+0.095
ZMM5262
51
2.5
125
1100
0.1
37
39
8.9
+0.096
2


Similar Part No. - ZMM5261

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMM5261 SEMTECH-ZMM5261 Datasheet
402Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
General Semiconductor
ZMM5261 GE-ZMM5261 Datasheet
75Kb / 3P
   ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
ZMM5261 DAESAN-ZMM5261 Datasheet
414Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Daya Electric Group Co....
ZMM5261 DAYA-ZMM5261 Datasheet
366Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
ZMM5261 JINANJINGHENG-ZMM5261 Datasheet
118Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
More results

Similar Description - ZMM5261

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com