Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

300Z50B Datasheet(PDF) 2 Page - Naina Semiconductor ltd.

Part # 300Z50B
Description  300W Zener Type Power Surge Suppressor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

300Z50B Datasheet(HTML) 2 Page - Naina Semiconductor ltd.

  300Z50B Datasheet HTML 1Page - Naina Semiconductor ltd. 300Z50B Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Naina Semiconductor Ltd.
300Z, 301Z
Series
2
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
(1) TC = 25
oC, T
p = 1 ms
(2) TC = 25
oC, I = max. I
R = 5.0 mA
Electrical Specifications (TC = 25
oC, unless otherwise noted)
Symbol
Parameters
Conditions
300Z/301Z
Units
PZ
Maximum Zener power rating
TC = 125
oC
300
W
VZ
Zener voltage range
34.5 – 150
V
IR
Maximum leakage current
@ test voltage level
5.0
mA
Thermal & Mechanical Specifications (TC = 25
oC, unless otherwise noted)
Symbol
Parameters
300Z/301Z
Units
Tj
Max. operating junction temperature range
-40 to +175
oC
Tstg
Max. storage temperature range
-40 to +175
oC
RthJC
Thermal resistance, junction to case
0.18
oC/W
RthCS
Thermal resistance, case to sink
0.08
oC/W
F
Mounting torque
33 to 37
Nm
W
Approximate weight
178
g
Voltage Ratings (TC = 25
oC, unless otherwise noted)
Part numbers
VZ, Nominal Zener
Voltage
VZSM, Max. Zener Voltage @ max.
Zener Current (IZSM)
VR, Min. Reverse
Voltage
(2)
Tolerance @ Test
Current
IZT = 1.0 A
VZSM
@IZSM
(1)
(V)
(V)
(A)
(V)
(%)
300Z34.5
301Z34.5
34.5
54
550
23
20
300Z50
301Z50
50
78
380
35
20
300Z75
301Z75
75
117
250
52
20
300Z100
301Z100
100
156
190
69
20
300Z125
301Z125
125
195
150
87
20
300Z150
301Z150
150
234
120
104
20
300Z34.5A
301Z34.5A
34.5
49
610
27
10
300Z50A
301Z50A
50
72
410
39
10
300Z75A
301Z75A
75
107
280
58
10
300Z100A
301Z100A
100
143
210
78
10
300Z125A
301Z125A
125
179
160
98
10
300Z150A
301Z150A
150
215
140
117
10
300Z34.5B
301Z34.5B
34.5
47
630
28
5
300Z50B
301Z50B
50
68
440
41
5
300Z75B
301Z75B
75
102
290
61
5
300Z100B
301Z100B
100
137
210
82
5
300Z125B
301Z125B
125
171
170
103
5
300Z150B
301Z150B
150
205
140
123
5


Similar Part No. - 300Z50B

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
300Z50B NAINA-300Z50B Datasheet
157Kb / 2P
   300W Zener Type
logo
New Jersey Semi-Conduct...
300Z50B NJSEMI-300Z50B Datasheet
146Kb / 2P
   300W Zener Type Power Surge Suppressor
More results

Similar Description - 300Z50B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
300Z NJSEMI-300Z Datasheet
146Kb / 2P
   300W Zener Type Power Surge Suppressor
logo
Naina Semiconductor ltd...
300Z50 NAINA-300Z50_17 Datasheet
157Kb / 2P
   300W Zener Type
logo
Comchip Technology
CTAN143V3-G COMCHIP-CTAN143V3-G Datasheet
169Kb / 3P
   300W Transient Voltage Suppressor
logo
Intersil Corporation
HRP2540 INTERSIL-HRP2540 Datasheet
35Kb / 3P
   Power Rectifier/Power Surge Suppressor
logo
Guangdong Juxing Electr...
SMC05 JUXING-SMC05 Datasheet
932Kb / 3P
   Surface Mount Transient Voltage Suppressor Power 300W
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
587B062 PROTEC-587B062 Datasheet
97Kb / 3P
   240V AC POWER LINE SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_07 Datasheet
81Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
logo
Toshiba Semiconductor
5Z27 TOSHIBA-5Z27 Datasheet
122Kb / 2P
   SILICON DIFFUSED JUNCTION (POWER SURGE SUPPRESSOR)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com