Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

300Z50A Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 300Z50A
Description  300W Zener Type Power Surge Suppressor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

300Z50A Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  300Z50A Datasheet HTML 1Page - Naina Semiconductor ltd. 300Z50A Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor Ltd.
300Z, 301Z
Series
1
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
300W Zener Type
Power Surge Suppressor
Features
Glass passivated junction
Zener type suppressor
Superior clamping ability
Metric and UNF thread type
Mechanical Characteristics
Hermetically sealed DO-9 outline
External surfaces corrosion resistant & terminal Solderable
Weight: 16 grams
Torque Setting: 3.5 Nm
Applications
Voltage regulators
Voltage surge suppressors
Voltage clippers
Ordering Table
300Z
34.5
-
1
2
3
1 – Wattage
>
300Z = 300W
>
301Z = 300W
2 – Voltage (See Voltage Ratings Table)
3 – Tolerance
>
None = 20%
>
A = 10%
>
B = 5%
ALL DIMENSIONS IN MM


Similar Part No. - 300Z50A

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
300Z50A NAINA-300Z50A Datasheet
157Kb / 2P
   300W Zener Type
logo
New Jersey Semi-Conduct...
300Z50A NJSEMI-300Z50A Datasheet
146Kb / 2P
   300W Zener Type Power Surge Suppressor
More results

Similar Description - 300Z50A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
300Z NJSEMI-300Z Datasheet
146Kb / 2P
   300W Zener Type Power Surge Suppressor
logo
Naina Semiconductor ltd...
300Z50 NAINA-300Z50_17 Datasheet
157Kb / 2P
   300W Zener Type
logo
Comchip Technology
CTAN143V3-G COMCHIP-CTAN143V3-G Datasheet
169Kb / 3P
   300W Transient Voltage Suppressor
logo
Intersil Corporation
HRP2540 INTERSIL-HRP2540 Datasheet
35Kb / 3P
   Power Rectifier/Power Surge Suppressor
logo
Guangdong Juxing Electr...
SMC05 JUXING-SMC05 Datasheet
932Kb / 3P
   Surface Mount Transient Voltage Suppressor Power 300W
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
587B062 PROTEC-587B062 Datasheet
97Kb / 3P
   240V AC POWER LINE SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_07 Datasheet
81Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
logo
Toshiba Semiconductor
5Z27 TOSHIBA-5Z27 Datasheet
122Kb / 2P
   SILICON DIFFUSED JUNCTION (POWER SURGE SUPPRESSOR)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com