Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15B2424ZPD Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # 15B2424ZPD
Description  15W, WIDE INPUT, DIP PACKAGE,ISOLATED REGULATED SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

15B2424ZPD Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  15B2424ZPD Datasheet HTML 1Page - Microdc power Technology Co., Ltd 15B2424ZPD Datasheet HTML 2Page - Microdc power Technology Co., Ltd 15B2424ZPD Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
15B-ZPD
Series
Series
2
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
TYPICAL
TYPICAL CHARACTERISTICS
CHARACTERISTICS
Temperature Derating Graph
TEMPERATURE
TEMPERATURE CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Output voltage accuracy
Refer to recommended circuit
±1
±3
%
Over load protection
Input voltage range
120
130
150
%
Output Short Circuit
Input voltage range
Hiccup,automatics recovery
Load regulation
From 10% to 100% load
±0.5
±1
%
Trim
±10%V0
VDC
Temperature drift (Vout)
0.02
%/℃
Line regulation
Input voltage from low to high
±0.2
±0.5
%
Ripple&Noise
Tested under 20MHz brand
50
75
150
mV
Transient recovery time
25% load change
200
300
us
Transient peak deviation
±2
±3
±5
%
Over voltage protection
3.3V
3.63
4.29
VDC
5V
5.5
6.5
VDC
12V
13.2
15.6
VDC
15V
16.5
19.5
VDC
24V
26.4
31.2
VDC
Note:
1. All specifications are measured at TA=25°C, humidity<75%, nominal input voltage and rated output load
unless otherwise specified.
2. The CTRL control pin voltage is referenced to GND.
3. Typical efficiency value at nominal input voltage and full load.
4. Capacitor MAX load tested at nominal input voltage and constant resistive load.
5. Refer to the diagram of Output Voltage trim up/down for trim applications.
6. The products cannot be used in parallel and in plug and play.
Case material
DERATING
DERATING
EFFICIENCY
EFFICIENCY CURVE
CURVE
Requirement on output load
In order to ensure the product operate efficiently and reliably,in addition to a
max load(namely full load), a minimum load is specified for this kind of
DC/DC converter.Make sure the specified range of input voltage is not
exceeded,the minimum output load no less than 10% load.If the actual
load is less than the specified minimum load, the output ripple may increase
sharply while its efficiency and reliability will reduce greatly.If the actual
output power is very small,please add an appropriate resistor as extra
loading,or contact our company for other lower output power products.
Curve of Efficiency VS input Voltage
15B2424ZPD
No parallel connection or plug and play
RECOMMENDED
RECOMMENDED CIRCUIT
CIRCUIT
Output Graph
In order to obtain better performance for the DC/DC
models.it’s recommended that use input and output
filters as Fig.1 shown.
L:12uH
C:100uF/100V
OUTPUT
OUTPUT VOLTAGE
VOLTAGE TRIM
TRIM
Output Graph
Curve of Efficiency VS output load WRB2424YD-30W


Similar Part No. - 15B2424ZPD

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
15B DIOTEC-15B Datasheet
296Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
Toshiba Semiconductor
15B4B41 TOSHIBA-15B4B41 Datasheet
117Kb / 1P
   RECTIFIER STACK (BRIDGE)
logo
SEMTECH ELECTRONICS LTD...
15BC SEMTECH_ELEC-15BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
15BCA SEMTECH_ELEC-15BCA Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
15BCB SEMTECH_ELEC-15BCB Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
More results

Similar Description - 15B2424ZPD

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRB1203YMD-15WR3 MORNSUN-VRB1203YMD-15WR3 Datasheet
840Kb / 6P
   15W,wide input isolated & regulated single output ,DIP packaging, DC-DC converter
URB2403YMD-15WR3 MORNSUN-URB2403YMD-15WR3 Datasheet
2Mb / 8P
   15W isolated DC-DC converter DIP package with Ultra-wide Input and Regulated Single Output
VRB2405LD-15WR3 MORNSUN-VRB2405LD-15WR3 Datasheet
3Mb / 8P
   15W, wide input, isolated & regulated DC/DC converter
VRA0505ZP-6WR3 MORNSUN-VRA0505ZP-6WR3 Datasheet
2Mb / 6P
   6W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
URA2405YMD-15WR3 MORNSUN-URA2405YMD-15WR3 Datasheet
1Mb / 5P
   15W, Ultra wide input isolated & regulated dual output , DIP packaging, DC-DC converter
VRA1205ZP-10WR3 MORNSUN-VRA1205ZP-10WR3 Datasheet
1Mb / 6P
   10W,wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
VRB1205JMDT-6W MORNSUN-VRB1205JMDT-6W Datasheet
1Mb / 7P
   6W, wide input, isolated & regulated single output, DIP/SMD package, DC-DC converter
URB2405JMDT-10W MORNSUN-URB2405JMDT-10W Datasheet
1Mb / 6P
   10W, Ultra wide input, isolated & regulated single output, DIP/SMD package, DC-DC converter
URA2405ZP-6WR3 MORNSUN-URA2405ZP-6WR3 Datasheet
2Mb / 5P
   6W,Ultra wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
URA2405ZP-10WR3 MORNSUN-URA2405ZP-10WR3 Datasheet
1Mb / 5P
   10W, Ultra wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com