Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6MD121515XD Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # 6MD121515XD
Description  6W, FIXED INPUT ISOLATED REGULATED TWIN OUTPUT DIP24 DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

6MD121515XD Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  6MD121515XD Datasheet HTML 1Page - Microdc power Technology Co., Ltd 6MD121515XD Datasheet HTML 2Page - Microdc power Technology Co., Ltd 6MD121515XD Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
6M
6MD-
D-X
XD
D
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 3
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 minute and 1mA max
1500
VDC
Isolation resistance
Test at 500VDC
1000
MΩ
Isolation capacitance
Input/Output, 100KHz/1V
100
pF
*Supply voltage must be discontinued at the end of short circuit duration.
APPLICATION
APPLICATION NOTE
NOTE
1) Requirement On Output Load
In order to ensure the product operate efficiently and reliably, in addition to a max load (namely full load), a minimum
load is specified for this kind of DC/DC converter. Make sure the specified range of input voltage is not exceeded, the
minimum output load no less than 10% load.If the actual load is less than the specified minimum load, the output ripple may
increase sharply while its efficiency and reliability will reduce greatly. If the actual output power is very small, please add an
appropriate resistor as extra loading, or contact our company for other lower output power products.
2) Recommended Circuit
All the MD-XD Series have been tested according to the following recommended testing circuit before leaving factory.
This series should be tested under load (see Figure 1).
If you want to further decrease the input/output ripple,you can increase capacitance properly or choose capacitors with
low ESR. However, the capacitance should not be too high, or may cause start-up problem. If you want to use the products
in high EMI, please choose our metal packaged products. For every channel of output, provided the safe and reliable
operation is ensured, the greatest capacitance of its filter capacitor sees
(Table 1). General:
Cin:
5V,12V
100µF
24V&48V
22µF/10µF
Cout: 10µF/100mA
3) Input Current
While using unstable power source, please ensure the output voltage and ripple voltage do not exceed indexes of the
converter. The preceding power source must be able to provide for converter sufficient starting current Ip (Figure 2).
General: Ip≤1.4*Iin-max
4) No parallel connection or plug and play
TYPICAL
TYPICAL CHARACTERISTICS
CHARACTERISTICS
RECOMMENDED
RECOMMENDED CIRCUIT
CIRCUIT
EXTERNAL CAPACITOR TABLE (TABLE 1)
Output
Output External
External Capacitor
Capacitor Table
Table (Table
(Table 1)
1)
Vout(VDC)
Cout(uF)
5
680
9
470
12
330
15
220
24
100
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Output power
Refer to product program
0.6
6
W
Main output voltage accuracy
Refer to recommended circuit
±
1
±
3
%
Vice-output voltage accuracy
Refer to recommended circuit
±
3
±
5
Load regulation
From 10% to 100% load
±
0.5
±
1*
Line regulation
Input voltage from low to high
±
0.2
±
0.5
Temperature drift (Vout)
Refer to recommended circuit
±
0.03
%/℃
Ripple**
20MHz Bandwidth
20
50
mVp-p
Noise**
20MHz Bandwidth
75
150
Switching frequency
100% load, input voltage range
300
KHz
*Dual output models unbalanced load: ±5%.
**Test ripple and noise by “parallel cable”method. See detailed operation instructions at Testing of Power
Converter section, application notes.


Similar Part No. - 6MD121515XD

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
6MD2 SWITCH-6MD2 Datasheet
875Kb / 4P
   EH Series Audio/Video/Data CONNECTORS
More results

Similar Description - 6MD121515XD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
E-XSR MICRODC-E-XSR Datasheet
389Kb / 2P
   FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converter
IF-XS-2W MICRODC-IF-XS-2W Datasheet
467Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IE-XS-2W MICRODC-IE-XS-2W Datasheet
719Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converter
2E-XSR MICRODC-2E-XSR Datasheet
401Kb / 2P
   FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converter
F-XSR MICRODC-F-XSR Datasheet
455Kb / 2P
   FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
IB-XLS-1W MICRODC-IB-XLS-1W Datasheet
653Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IB-XS-2W MICRODC-IB-XS-2W Datasheet
631Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IE-XS-1W MICRODC-IE-XS-1W Datasheet
680Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converter
IB0505XS-2W MICRODC-IB0505XS-2W Datasheet
389Kb / 2P
   FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
IF-XS-1W MICRODC-IF-XS-1W Datasheet
583Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com