Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2A1209XD Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # 2A1209XD
Description  Isolated 2W Dual Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

2A1209XD Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  2A1209XD Datasheet HTML 1Page - Microdc power Technology Co., Ltd 2A1209XD Datasheet HTML 2Page - Microdc power Technology Co., Ltd 2A1209XD Datasheet HTML 3Page - Microdc power Technology Co., Ltd 2A1209XD Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2A
2A-X
-X(S)D
(S)D
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 4
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Output
Efficiency
Isolation
Capacitance
MTTF1
Voltage(VDC)
Current (mA)
Voltage
(VDC)
Current
(mA)
(%.Typ.)
Nominal
MAX
pF
KHrs
2A0505XS
5
500
±5
±200
80
24
1574
2A0509XS
5
494
±9
±111
81
28
663
2A0512XS
5
488
±12
±83
82
30
338
2A0515XS
5
476
±15
±67
84
33
187
2A0518XS
5
465
±18
±55
80
36
155
2A1205XS
12
208
±5
±200
80
35
490
2A1209XS
12
201
±9
±111
83
55
343
2A1212XS
12
198
±12
±83
84
63
229
2A1215XS
12
198
±15
±67
84
66
148
2A1218XS
12
190
±18
±55
82
60
138
2A1505XS
15
103
±5
±200
81
41
318
2A1512XS
15
98
±12
±111
85
75
249
2A2405XS
24
107
±5
±200
82
55
490
2A2412XS
24
97
±12
±83
86
95
183
2A2415XS
24
97
±15
±67
86
104
127
2A2418XS
24
95
±18
±55
85
108
120
2A4805XS
48
51
±5
±200
82
45
235
2A4809XS
48
51
±9
±111
82
74
195
2A4812XS
48
49
±12
±83
85
90
152
2A4815XS
48
49
±15
±67
85
112
112
2A0505XD
5
500
±5
±200
80
24
1574
2A0509XD
5
494
±9
±111
81
28
663
2A0512XD
5
488
±12
±83
82
30
338
2A0515XD
5
476
±15
±67
84
33
187
2A1205XD
12
208
±5
±200
80
35
490
2A1209XD
12
201
±9
±111
83
55
343
2A1212XD
12
198
±12
±83
84
63
229
2A1215XD
12
198
±15
±67
84
66
148
2A1505XD
15
103
±5
±200
81
41
318
2A1512XD
15
98
±12
±111
85
75
249
2A2405XD
24
107
±5
±200
80
40
157
2A2412XD
24
97
±12
±83
86
95
183
2A2415XD
24
97
±15
±67
86
104
127
2A4805XD
48
51
±5
±200
82
45
235
2A4809XD
48
51
±9
±111
82
74
195
2A4812XD
48
49
±12
±83
85
90
152
2A4815XD
48
49
±15
±67
85
112
112
1. Calculated using MIL-HDBK-217F with nominal input voltage at full load.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
MODEL
MODEL SELECTION
SELECTION
2
2A
A
05
05
05
05
X
X
S
S
Product Series
Input Voltage
Output Voltage
Fixed Input
SIP Package
MICRODC R ESERVES THE COPYRIGHT
Isolated 2W Dual Output DC/DC Converters
FEATURES
FEATURES
Footprint from 1.46cm2
I/O isolation voltage 1000VDC
Operating Temperature: -40℃~﹢85℃
High efficiency up to 86%
Fully encapsulated toroidal magnetics
Internal SMD construction
Power density up to 1.44W/cm3
No electrolytic or tantalum capacitors
5V,9V,12V and 15V output
No heatsink required
Dual output from a single input rail
UL 94V-0 package material
No external components required
Industry standard pinout
Power sharing on output
MTTF up to 1.5 million hours
APPLICATIONS
APPLICATIONS
The 2A-X(S)D series of industrial temperature range
DC/DC converters are the standard building blocks for
on-board distributed power systems.They are ideally
suited for providing dual rail supplies on primarily digital
boards with the added benefit of galvanic isolation to
reduce switching noise.All of the rated power may be
drawn from a single pin provided the total load does not
exceed 2 Watt. Pin compatibility with the A-X(S)D-1W
series ensures minimal effort in upgrading distributed
power systems.
Absolute
Absolute Maximum
Maximum Ratings
Ratings
Parameter
Conditions
Lead temperature 1.5mm from case for 10 seconds
300℃
Internal power dissipation
300mW
Input voltage V , A05 types
7V
Input voltage Vin, A12 types
15V
Input voltage Vin, A15 types
18V
Input voltage Vin, A24 types
28V
Input voltage Vin, A48 types
54V


Similar Part No. - 2A1209XD

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
2A1209XD MICRODC-2A1209XD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
More results

Similar Description - 2A1209XD

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
   Isolated 2W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NMH0512DC MURATA-NMH0512DC Datasheet
223Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
logo
Microdc power Technolog...
2A-XD MICRODC-2A-XD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
logo
C&D Technologies
NMH05055 CANDD-NMH05055 Datasheet
111Kb / 2P
   ISOLATED 2W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Power Solutions ...
NMH MURATA-PS-NMH Datasheet
272Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
logo
Microdc power Technolog...
A-XD-2W MICRODC-A-XD-2W Datasheet
1Mb / 5P
   Isolated 2W Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NTH0505MC MURATA-NTH0505MC Datasheet
232Kb / 6P
   Isolated 2W Dual Output SM DC/DC Converters
logo
Microdc power Technolog...
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMS1205C MURATA-NMS1205C Datasheet
171Kb / 3P
   6kVDC Isolated 2W Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com