Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D120505NXT Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # D120505NXT
Description  2W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

D120505NXT Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  D120505NXT Datasheet HTML 1Page - Microdc power Technology Co., Ltd D120505NXT Datasheet HTML 2Page - Microdc power Technology Co., Ltd D120505NXT Datasheet HTML 3Page - Microdc power Technology Co., Ltd D120505NXT Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2
2D-
D-N
NXT
XT
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 4
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS ECOMMENDED
ECOMMENDED FOOTPRINT
FOOTPRINT &
& PACKAGING
PACKAGING
RECOMMENDED
RECOMMENDED FOOTPRINT
FOOTPRINT
REEL
REEL PACKING
PACKING OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
TUBE
TUBE OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
TEST
TEST CONFIGURATIONS
CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin and Capacitor Cin to simulate source impedance.
Lin(4.7µH)
Cin(220µF, ESR < 1.0Ωat 100 KHz)


Similar Part No. - D120505NXT

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
D120505NXT-1W MICRODC-D120505NXT-1W Datasheet
557Kb / 3P
   1W,FIXEDINPUT, ISOLATED & UNREGULATEDTWIN OUTPUT ULTRAMINIATURESMD PACKAGE DC-DC CONVERTER
More results

Similar Description - D120505NXT

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
2T8A GAPTEC-2T8A Datasheet
1Mb / 4P
   2W- Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated ULTRAMINIATURE SMD PACKAGE
logo
Crystek Corporation
D050505T-1W CRYSTEKCRYSTAL-D050505T-1W_12 Datasheet
292Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2D16A GAPTEC-2D16A Datasheet
803Kb / 3P
   2W- Single Output DC-DC Converter - Fixed Input - Isolated & ULTRAMINIATURE SMD PACKAGE
logo
MORNSUN Science& Techno...
A0505XT-1W MORNSUN-A0505XT-1W Datasheet
445Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL OUTPUT DC-DC CONVERTER ULTRAMINIATURE SMD PACKAGE
logo
RSG Electronic Componen...
B0505LT-2W RSG-B0505LT-2W Datasheet
106Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 2W SINGLE OUTPUT ULTRAMINIATURE SMD PACKAGE
logo
GAPTEC Electronic GmbH ...
2T8A-3 GAPTEC-2T8A-3 Datasheet
898Kb / 4P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2T8E GAPTEC-2T8E Datasheet
877Kb / 3P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
D-XNS-2W MICRODC-D-XNS-2W Datasheet
597Kb / 2P
   FIXED INPUT,ISOLATED&UNREGULATED Twin Output DC?뷗C Converter
2D-XNS MICRODC-2D-XNS Datasheet
485Kb / 2P
   FIXED INPUT,ISOLATED&UNREGULATED Twin Output DC?뷗C Converter
2D-XS MICRODC-2D-XS Datasheet
495Kb / 2P
   FIXED INPUT,ISOLATED&UNREGULATED Twin Output DC?뷗C Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com