Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2A1218XS Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # 2A1218XS
Description  Isolated 2W Dual Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

2A1218XS Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  2A1218XS Datasheet HTML 1Page - Microdc power Technology Co., Ltd 2A1218XS Datasheet HTML 2Page - Microdc power Technology Co., Ltd 2A1218XS Datasheet HTML 3Page - Microdc power Technology Co., Ltd 2A1218XS Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2A
2A-X
-X(S)D
(S)D
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 4
Output
Output Specifications
Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA= -40°C to 85°C
2.0
W
Voltage Set Point Accuracy
A0505XD/A0505XS
-5
7.5
%
All other types
-5
5
%
Line regulation
High VIN to low VIN
1.0
1.2
%%
Line regulation(A24、A48)
High VIN to low VIN
1.2
%%
Load regulation
10% load to rated load, 5V output types
5
10
%
10% load to rated load, 9V output types
3
10
%
10% load to rated load,12V output types
3
10
%
10% load to rated load,15V output types
3
10
%
Ripple&Noise
BW=DC to 20MHz, 5V output types
150
200
mV p-p
BW=DC to 20MHz, 9V output types
100
150
mV p-p
BW=DC to 20MHz, 12V output types
80
150
mV p-p
BW=DC to 20MHz, 15V output types
70
150
mV p-p
Temperature
Temperature Characteristics
Characteristics
Conditions
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
-40
85
Storage
-50
130
Case temperature rise
above
ambient
5V output types
30
12V output types
25
Cooling
Free air convection
Input
Input Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation,5V input types
4.5
5
5.5
VDC
Continuous operation,12V input types
10.8
12
13.2
VDC
Continuous operation, 15V input types
13.5
15
16.5
VDC
Continuous operation,24V input
21.6
24
26.4
VDC
Continuous operation,48V input
43.2
48
52.8
VDC
Reflected ripple current
5V input types
50
mA p-p
12V input types
70
mA p-p
24V input types
130
mA p-p
48V input types
200
mA p-p
General
General Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
5V input types
95
kHz
12V input types
90
kHz
15V input types
85
kHz
Switching frequency(A24、A48)
24V&48V input types
80
kHz
Isolation
Isolation Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso= 500VDC
1
10
GΩ


Similar Part No. - 2A1218XS

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
2A1218XS MICRODC-2A1218XS Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
More results

Similar Description - 2A1218XS

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMH CANDD-NMH Datasheet
111Kb / 2P
   Isolated 2W Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
NMH0512DC MURATA-NMH0512DC Datasheet
223Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
logo
Microdc power Technolog...
2A-XD MICRODC-2A-XD Datasheet
632Kb / 4P
   Isolated 2W Dual Output DC/DC Converters
logo
C&D Technologies
NMH05055 CANDD-NMH05055 Datasheet
111Kb / 2P
   ISOLATED 2W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Power Solutions ...
NMH MURATA-PS-NMH Datasheet
272Kb / 6P
   Isolated 2W Dual Output DC/DC Converters
logo
Microdc power Technolog...
A-XD-2W MICRODC-A-XD-2W Datasheet
1Mb / 5P
   Isolated 2W Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NTH0505MC MURATA-NTH0505MC Datasheet
232Kb / 6P
   Isolated 2W Dual Output SM DC/DC Converters
logo
Microdc power Technolog...
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMS1205C MURATA-NMS1205C Datasheet
171Kb / 3P
   6kVDC Isolated 2W Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com