Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2B2405NXT Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # 2B2405NXT
Description  2 Watt FIXED INPUT, ISOLATED Dual Single SMD Output DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

2B2405NXT Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  2B2405NXT Datasheet HTML 1Page - Microdc power Technology Co., Ltd 2B2405NXT Datasheet HTML 2Page - Microdc power Technology Co., Ltd 2B2405NXT Datasheet HTML 3Page - Microdc power Technology Co., Ltd 2B2405NXT Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2
2A-NXT&
A-NXT&2
2B-NXT
B-NXT
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 4
Typical
Typical Characteristics
Characteristics
BXX05NXT
BXX09NXT
BXX12NXT
BXX15NXT


Similar Part No. - 2B2405NXT

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
2B2405XD MICRODC-2B2405XD Datasheet
645Kb / 5P
   Fixed Input,Isolated 2W Single Output DC/DC Converters
2B2405XD MICRODC-2B2405XD Datasheet
645Kb / 5P
   Fixed Input,Isolated 2W Single Output DC/DC Converters
2B2405XES MICRODC-2B2405XES Datasheet
283Kb / 3P
   Isolated 2W Single Output DC/DC Converters
2B2405XM MICRODC-2B2405XM Datasheet
283Kb / 3P
   Isolated 2W Single Output DC/DC Converters
2B2405XNM MICRODC-2B2405XNM Datasheet
655Kb / 4P
   Isolated 2W Single Output DC/DC Converters
More results

Similar Description - 2B2405NXT

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
QA-XT MICRODC-QA-XT Datasheet
559Kb / 3P
   0.25W, Fixed Input, Isolated Dual/Single Output SMD DC-DC CONVERTER
logo
Bothhand USA, LP.
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
B3-0505SS BOTHHAND-B3-0505SS Datasheet
402Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
logo
Microdc power Technolog...
A-XT MICRODC-A-XT Datasheet
983Kb / 6P
   1W, FIXED INPUT, ISOLATED DUAL OUTPUT SMD DC-DC CONVERTER
B-XT MICRODC-B-XT Datasheet
1,013Kb / 6P
   1W, FIXED INPUT, ISOLATED SINGLE OUTPUT SMD DC-DC CONVERTER
2H-XVD MICRODC-2H-XVD Datasheet
456Kb / 2P
   FIXED INPUT,ISOLATED UNREGULATED Single/Dual Output DC/DC Converter
FE-XT MICRODC-FE-XT Datasheet
669Kb / 3P
   1W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
QF-XT MICRODC-QF-XT Datasheet
645Kb / 3P
   0.25W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
logo
Crystek Corporation
IB0512LT-1W CRYSTEKCRYSTAL-IB0512LT-1W Datasheet
304Kb / 3P
   1W, FIXED INPUT, ISOLATED & REGULATED SINGLE OUTPUT SMD DC-DC CONVERTER
logo
RSG Electronic Componen...
B0303XT-1W RSG-B0303XT-1W Datasheet
206Kb / 2P
   1W,FIXED INPUT, ISOLATED & UNREGULATED single OUTPUT, SMD DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com