Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZPD22 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # ZPD22
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

ZPD22 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  ZPD22 Datasheet HTML 1Page - GOOD-ARK Electronics ZPD22 Datasheet HTML 2Page - GOOD-ARK Electronics ZPD22 Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes:
(1) Tested with pulses tp=20ms.
(2) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
Type
Zener voltage range 1)
Dynamic resistance
Temp.
coeff. of
Zener Volt.
at I
Z=5mA
Reverse
voltage at
I=100nA
Admissible Zener current 2)
V
znom
I
ZT for VZT
2)
r
zjT and rzjk at IZK
VZ
V
R
at T
amb=45
at T
amb=25
VmA
V
mA
10-4/K
V
I
Z mA
I
Z mA
ZPD2.7
2.7
5
2.5 ... 2.9
(<83)
<50
1
-9 ... -4
-
135
160
ZPD3
3.0
5
2.8 ... 3.2
(<95)
<500
1
-9 ... -3
-
117
140
ZPD3.3
3.3
5
3.1 ... 3.5
(<95)
<500
1
-8 ... -3
-
109
130
ZPD3.6
3.6
5
3.4 ... 3.8
(<95)
<500
1
-8 ... -3
-
101
120
ZPD3.9
3.9
5
3.7 ... 4.1
(<95)
<500
1
-7 ... -3
-
92
110
ZPD4.3
4.3
5
4.0 ... 4.6
(<95)
<500
1
-6 ... -1
-
85
100
ZPD4.7
4.7
5
4.4 ... 5.0
(<78)
<500
1
-5 ... +2
-
76
90
ZPD5.1
5.1
5
4.8 ... 5.4
(<60)
<480
1
-3 ... +4
>0.8
67
80
ZPD5.6
5.6
5
5.2 ... 6.0
(<40)
<400
1
-2 ... +6
>1
59
70
ZPD6.2
6.2
5
5.8 ... 6.6
(<10)
<200
1
-1 ... +7
>2
54
64
ZPD6.8
6.8
5
6.4 ... 7.2
(<8)
<150
1
+2 ... +7
>3
49
58
ZPD7.5
7.5
5
7.0 ... 7.9
(<7)
<50
1
+3 ... +7
>5
44
53
ZPD8.2
8.2
5
7.7 ... 8.7
(<7)
<50
1
+4 ... +7
>6
40
47
ZPD9.1
9.1
5
8.5 ... 9.6
(<10)
<50
1
+5 ... +8
>7
36
43
ZPD10
10
5
9.4 ... 10.6
(<15)
<70
1
+5 ... +8
>7.5
33
40
ZPD11
11
5
10.4 ... 11.6
(<20)
<70
1
+5 ... +9
>8.5
30
36
ZPD12
12
5
11.4 ... 12.7
(<20)
<90
1
+6 ... +9
>9
28
32
ZPD13
13
5
12.4 ... 14.1
(<25)
<110
1
+7 ... +9
>10
25
29
ZPD15
15
5
13.8 ... 15.6
(<30)
<110
1
+7 ... +9
>11
23
27
ZPD16
16
5
15.3 ... 17.1
(<40)
<170
1
+8 ... +9.5
>12
20
24
ZPD18
18
5
16.8 ... 19.1
(<50)
<170
1
+8 ... +9.5
>14
18
21
ZPD20
20
5
18.8 ... 21.2
(<50)
<220
1
+8 ... +10
>15
17
20
ZPD22
22
5
20.8 ... 23.3
(<55)
<220
1
+8 ... +10
>17
16
18
ZPD24
24
5
22.8 ... 25.6
(<80)
<220
1
+8 ... +10
>18
13
16
ZPD27
27
5
25.1 ... 28.9
(<80)
<250
1
+8 ... +10
>20
12
14
ZPD30
30
5
28 ... 32
(<80)
<250
1
+8 ... +10
>22.5
10
13
ZPD33
33
5
31 ... 35
(<80)
<250
1
+8 ... +10
>25
9
12
ZPD36
36
5
34 ... 38
(<90)
<250
1
+8 ... +10
>27
9
11
ZPD39
39
5
37 ... 41
(<90)
<300
1
+10 ... +12
>29
8
10
ZPD43
43
5
40 ... 46
(<100)
<700
1
+10 ... +12
>32
7
9.2
ZPD47
47
5
44 ... 50
(<100)
<750
1
+10 ... +12
>35
6
8.5
ZPD51
51
5
48 ... 54
(<100)
<750
1
+10 ... +12
>38
6
7.8
2


Similar Part No. - ZPD22

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZPD22 SEMTECH-ZPD22 Datasheet
248Kb / 3P
   SILICON PLANAR ZENER DIODES?
logo
New Jersey Semi-Conduct...
ZPD22 NJSEMI-ZPD22 Datasheet
89Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
ZPD22 CHENYI-ZPD22 Datasheet
107Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Diotec Semiconductor
ZPD22 DIOTEC-ZPD22 Datasheet
133Kb / 3P
   Silicon Planar Zener Diodes
logo
Diodes Incorporated
ZPD22 DIODES-ZPD22 Datasheet
63Kb / 3P
   SILICON PLANAR ZENER DIODE
DS21402 Rev. E-3
More results

Similar Description - ZPD22

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com