Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZM4749 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # ZM4749
Description  SILICON PLANAR POWER ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

ZM4749 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  ZM4749 Datasheet HTML 1Page - GOOD-ARK Electronics ZM4749 Datasheet HTML 2Page - GOOD-ARK Electronics ZM4749 Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Note:
(1) Valid provided that electrodes are kept at ambient temperature.
Features
ZM4728 THRU ZM4764
SILICON PLANAR POWER ZENER DIODES
Silicon Planar Power Zener Diodes
for use in stabilizing and clipping circuits with high power
rating. Standard Zener voltage tolerance is
10%. Add
suffix “A” for
5% tolerance. Other tolerances available
upon request.
These diodes are also available in DO-41 case with the
type designation 1N4728 thru 1N4764.
These diodes are delivered taped.
Details see “Taping”.
Weight approx. : 0.25g
Absolute Maximum Ratings (T
a=25
)
1
Symbols
Values
Units
Zener current see Table "Characteristics"
Power dissipation at T
amb=25
P
tot
1 1)
W
Junction temperature
T
j
175
Storage temperature range
T
S
-65 to +175
Note:
(1) Valid provided that electrodes are kept at ambient temperature.
Characteristics at T
amb=25
Symbols
Min.
Typ.
Max.
Units
Thermal resistance
junction to ambient Air
R
thA
-
-
170 1)
K/W
Forward voltage at I
F=200mA
V
F
--
1.2
V
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
0.189
0.205
4.8
5.2
B
0.092
0.100
2.35
2.55
C
0.016
-
0.4
-


Similar Part No. - ZM4749

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZM4749 SEMTECH-ZM4749 Datasheet
226Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Zibo Seno Electronic En...
ZM4749 ZSELEC-ZM4749 Datasheet
194Kb / 3P
   1W SURFACE MOUNT ZENER DIODE
logo
General Semiconductor
ZM4749 GE-ZM4749 Datasheet
69Kb / 3P
   ZENER DIODES
logo
Bytesonic Electronics C...
ZM4749 BYTESONIC-ZM4749 Datasheet
253Kb / 3P
   Silicon Planar Power Zener Diodes
logo
EIC discrete Semiconduc...
ZM4749 EIC-ZM4749 Datasheet
34Kb / 2P
   ZENER DIODES
More results

Similar Description - ZM4749

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com