Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDSH3-4448-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDSH3-4448-G
Description  SMD Switching Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSH3-4448-G Datasheet(HTML) 1 Page - Comchip Technology

  CDSH3-4448-G Datasheet HTML 1Page - Comchip Technology CDSH3-4448-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Ratings (Single diode, at TA=25°C unless otherwise noted)
Parameter
Symbol
Unit
Non-repetitive peak reverse voltage
Peak repetitive peak reverse voltage
Working peak reverse voltage
DC blocking voltage
RMS reverse voltage
Forward continuous current
Averaged rectified output current
Peak forward surge current
@TP=1.0μS
@TP=1.0S
Power dissipation
Thermal resistance, junction to ambient
Storage temperature
Voltage: 80 Volts
Current: 250 mA
RoHS Device
Dimensions in inches and (millimeter)
Features
-Fast switching speed.
-For general purpose switching applications.
-High conductance.
Mechanical data
-Case: SOT-523, molded plastic.
-Terminals: Solder plated, solderable per MIL-STD-
202E, method 208C.
-Weight: 0.002 grams approx.
Circuit Diagram
CDSH3-4448/A/C/S-G
Page 1
QW-B0038
SMD Switching Diodes
REV:A
Comchip Technology CO., LTD.
0.067(1.70)
0.059(1.50)
0.033(0.85)
0.030(0.75)
0.043(1.10)
0.035(0.90)
1
2
3
0.008(0.20)
0.004(0.10)
0.069(1.75)
0.057(1.45)
0.004(0.10)min.
0.004(0.10)max.
0.031(0.80)
0.024(0.60)
0.012(0.30)
0.006(0.15)
Value
1
2
3
1
2
3
1
2
3
1
2
3
CDSH3-4448-G
Marking: A3
CDSH3-4448A-G
Marking: A6
CDSH3-4448C-G
Marking: A7
CDSH3-4448S-G
Marking: AB
Electrical Characteristics (Single diode, at TA=25°C unless otherwise noted)
Parameter
Symbol
Unit
Reverse breakdown voltage
Forward voltage
Reverse current
Capacitance between terminals
Reverse recovery time
Conditions
Max.
VBR
VF1
VF2
VF3
VF4
IR1
IR2
CT
Trr
IR=2.5μA
IF=5mA
IF=10mA
IF=100mA
IF=150mA
VR=70V
VR=20V
VR=6V, f=1MHz
VR=6V, IF=5mA
Min.
Typ.
80
0.62
0.72
0.855
1.0
1.25
0.1
25
3.5
4
V
V
V
V
V
μ
A
nA
pF
nS
VRM
VRRM
VRWM
VR
VR(RMS)
IFM
IO
IFSM
PD
RθJA
TSTG
100
80
57
500
250
4.0
2.0
150
833
-65 to +150
V
V
V
mA
mA
A
mW
OC/W
OC
SOT-523


Similar Part No. - CDSH3-4448-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-4448-G COMCHIP-CDSH3-4448-G Datasheet
69Kb / 2P
   SMD Switching Diodes
CDSH3-4448-G COMCHIP-CDSH3-4448-G_15 Datasheet
69Kb / 2P
   SMD Switching Diodes
More results

Similar Description - CDSH3-4448-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDST19-G COMCHIP-CDST19-G_12 Datasheet
73Kb / 2P
   SMD Switching Diodes
1SS400-G COMCHIP-1SS400-G_12 Datasheet
102Kb / 4P
   SMD Switching Diodes
BAS521-HF COMCHIP-BAS521-HF Datasheet
526Kb / 4P
   SMD Switching Diodes
1SS355-HF COMCHIP-1SS355-HF Datasheet
494Kb / 4P
   SMD Switching Diodes
REV:A
CDSH3-21-G COMCHIP-CDSH3-21-G Datasheet
56Kb / 2P
   SMD Switching Diodes
CDSH3-4448 COMCHIP-CDSH3-4448 Datasheet
69Kb / 2P
   SMD Switching Diodes
1SS400-HF COMCHIP-1SS400-HF Datasheet
505Kb / 5P
   SMD Switching Diodes
REV:C
CDSH3-4448-G COMCHIP-CDSH3-4448-G_15 Datasheet
69Kb / 2P
   SMD Switching Diodes
CDST-19-G COMCHIP-CDST-19-G Datasheet
375Kb / 4P
   SMD Switching Diodes
CDST-19 COMCHIP-CDST-19 Datasheet
375Kb / 4P
   SMD Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com