Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK11-1A66E500W Datasheet(PDF) 2 Page - Meder Electronic

Part # MK11-1A66E500W
Description  Reed Sensor with Screw Thread Enclosure
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK11-1A66E500W Datasheet(HTML) 2 Page - Meder Electronic

  MK11-1A66E500W Datasheet HTML 1Page - Meder Electronic MK11-1A66E500W Datasheet HTML 2Page - Meder Electronic MK11-1A66E500W Datasheet HTML 3Page - Meder Electronic MK11-1A66E500W Datasheet HTML 4Page - Meder Electronic MK11-1A66E500W Datasheet HTML 5Page - Meder Electronic MK11-1A66E500W Datasheet HTML 6Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
243
MEDER electronic
www.meder.com
DIMENSIONS
All dimensions in mm [inch]
fine thread M5 x 0.5
7.00
25.00
3.00
[0.984]
[0.276]
[0.118]
MK11 (Stainless Steel)
38.00
1.30
6.00
5.50
Ø 4.50
ws 13
2 x plastics nut
Thread M8 x 1,25
[0.177]
[0.217]
[0.236]
[1.496]
[0.051]
MK11/M8 (Plastic)
Reed Sensor with
Screw Thread Enclosure
MK11 Series
ends tinned
Enden verzinnt
6
38
[2.362]
[196.9±3.937]
[1.969±0.394]
[14.86]
500 ± 10
5 ±1
SW 10
MK11/B6 (Brass)
1.3
6
38
5 ±1
500 ± 10
ends tinned
Enden verzinnt
SW 13
[196.9±3.937]
[1.969±0.394]
[14.86]
[2.362]
[0.512]
MK11/B8 (Brass)
1.5
6
38
5 ±1
500 ± 10
SW 17
[2.362]
[1.969±0.394]
[196.9±3.937]
[14.86]
ends tinned
MK11/B10 (Brass)
6
1.5
38
5 ±1
500 ± 10
ends tinned
SW 19
[14.86]
[196.9±3.937]
[1.969±0.394]
[2.362]
[0.591]
MK11/B12 (Brass)
TERMINATION
For wire and termination details please consult factory.
W
The cable cut length includes:
5 mm of wire stripped and tinned.


Similar Part No. - MK11-1A66E500W

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK11-1A66E-15000W MEDER-MK11-1A66E-15000W Datasheet
70Kb / 1P
   MK Reed Sensors
MK11-1A66E-15000W_DE MEDER-MK11-1A66E-15000W_DE Datasheet
70Kb / 1P
   (deutsch) MK Reed Sensor
MK11-1A66E-3000W MEDER-MK11-1A66E-3000W Datasheet
70Kb / 1P
   MK Reed Sensors
MK11-1A66E-3000W_DE MEDER-MK11-1A66E-3000W_DE Datasheet
70Kb / 1P
   (deutsch) MK Reed Sensor
MK11-1A66E-500W MEDER-MK11-1A66E-500W Datasheet
584Kb / 1P
   Reed Sensor with Screw Thread Enclosure
More results

Similar Description - MK11-1A66E500W

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK11-1A66C-500W MEDER-MK11-1A66C-500W_10 Datasheet
225Kb / 4P
   Reed Sensor with Screw Thread Enclosure
MK11-1A66C-500W MEDER-MK11-1A66C-500W Datasheet
584Kb / 1P
   Reed Sensor with Screw Thread Enclosure
logo
DB Lectro Inc
MS-228-3 DBLECTRO-MS-228-3 Datasheet
29Kb / 2P
   Reed Sensor ??M8 thread
logo
PIC GmbH
MS-228-3 PIC-MS-228-3 Datasheet
29Kb / 2P
   Reed Sensor - M8 thread
logo
DB Lectro Inc
MS-225-3 DBLECTRO-MS-225-3 Datasheet
29Kb / 2P
   Miniature Reed Sensor ??M5 metal thread
logo
PIC GmbH
MS-225-3 PIC-MS-225-3 Datasheet
29Kb / 2P
   Miniature Reed Sensor - M5 metal thread
MS-228-4 PIC-MS-228-4 Datasheet
52Kb / 2P
   Form C Reed Sensor - M8 thread
MS-228-6 PIC-MS-228-6 Datasheet
54Kb / 2P
   Mains switching Reed Sensor - M8 thread
MS-228-5 PIC-MS-228-5 Datasheet
29Kb / 2P
   Mains switching Reed Sensor - M8 thread
MS-228-7 PIC-MS-228-7 Datasheet
110Kb / 2P
   Normally Closed Reed Sensor M8 thread
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com