Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK11-1A55D500W Datasheet(PDF) 1 Page - Meder Electronic

Part # MK11-1A55D500W
Description  Reed Sensor with Screw Thread Enclosure
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK11-1A55D500W Datasheet(HTML) 1 Page - Meder Electronic

  MK11-1A55D500W Datasheet HTML 1Page - Meder Electronic MK11-1A55D500W Datasheet HTML 2Page - Meder Electronic MK11-1A55D500W Datasheet HTML 3Page - Meder Electronic MK11-1A55D500W Datasheet HTML 4Page - Meder Electronic MK11-1A55D500W Datasheet HTML 5Page - Meder Electronic MK11-1A55D500W Datasheet HTML 6Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
242
MEDER electronic
www.meder.com
Reed Sensor with
Screw Thread Enclosure
MK11 Series
DESCRIPTION
MK11 sensors are magnetically operated Reed
Sensors with screw thread enclosure supplied with
interconnect cable. The sensor should be mounted
on a fixed surface with the actuating magnet on
the moving surface. Introduction or removal of the
magnetic field determines the closing and opening
of the Reed Switch.
APPLICATIONS
Piston end travel and position detection
End motion detection for linear drives
Machine industry
FEATURES
Stainless steel, plastic and brass designs with
thread for space adjustment
High power switches available
Other cables, connectors and colors available
Various case sizes available
Five operate sensitivities available
A choice of cable terminations and lengths are
available
Stainless Steel
Plastic
Brass
Part Number Example
MK11 -
1A66 C - 500 W
MK11/M8 - 1A66 C - 500 W
MK11/B6 - 1A66 C - 500 W
M8 is the thread
B6 is the brass with M6 thread
66 is the switch model
C is the magnetic sensitivity
500 is the cable length (mm)
W is the termination
ORDER INFORMATION
Series
Contact-
form
Switch-
model
Magnetic
Sensitivity
Cable
Length (mm)
Termination
MK11 -
1A
XX
X
XXX
X
Options
1A
66
B, C, D, E
500*
W
52, 85
C, D, E
1C
90**
C, D, E
1A, 1B
1C, 1E
MK11 (brass)
B, C, D, E
* Other cable lengths available.
** Only for MK11/M8 (plastic).
MAGNETIC SENSITIVITY
Sensitivity Class
Pull In
AT Range
B
10 - 15
C
15 - 20
D
20 - 25
E
25 - 30


Similar Part No. - MK11-1A55D500W

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK11-1A52C-500W MEDER-MK11-1A52C-500W Datasheet
225Kb / 4P
   Reed Sensor with Screw Thread Enclosure
MK11-1A52D-500W MEDER-MK11-1A52D-500W Datasheet
225Kb / 4P
   Reed Sensor with Screw Thread Enclosure
MK11-1A52E-500W MEDER-MK11-1A52E-500W Datasheet
225Kb / 4P
   Reed Sensor with Screw Thread Enclosure
More results

Similar Description - MK11-1A55D500W

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK11-1A66C-500W MEDER-MK11-1A66C-500W_10 Datasheet
225Kb / 4P
   Reed Sensor with Screw Thread Enclosure
MK11-1A66C-500W MEDER-MK11-1A66C-500W Datasheet
584Kb / 1P
   Reed Sensor with Screw Thread Enclosure
logo
DB Lectro Inc
MS-228-3 DBLECTRO-MS-228-3 Datasheet
29Kb / 2P
   Reed Sensor ??M8 thread
logo
PIC GmbH
MS-228-3 PIC-MS-228-3 Datasheet
29Kb / 2P
   Reed Sensor - M8 thread
logo
DB Lectro Inc
MS-225-3 DBLECTRO-MS-225-3 Datasheet
29Kb / 2P
   Miniature Reed Sensor ??M5 metal thread
logo
PIC GmbH
MS-225-3 PIC-MS-225-3 Datasheet
29Kb / 2P
   Miniature Reed Sensor - M5 metal thread
MS-228-4 PIC-MS-228-4 Datasheet
52Kb / 2P
   Form C Reed Sensor - M8 thread
MS-228-6 PIC-MS-228-6 Datasheet
54Kb / 2P
   Mains switching Reed Sensor - M8 thread
MS-228-5 PIC-MS-228-5 Datasheet
29Kb / 2P
   Mains switching Reed Sensor - M8 thread
MS-228-7 PIC-MS-228-7 Datasheet
110Kb / 2P
   Normally Closed Reed Sensor M8 thread
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com