Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDBAT120-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBAT120-HF
Description  SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBAT120-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBAT120-HF Datasheet HTML 1Page - Comchip Technology CDBAT120-HF Datasheet HTML 2Page - Comchip Technology CDBAT120-HF Datasheet HTML 3Page - Comchip Technology CDBAT120-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (CDBAT120-HF Thru. CDBAT1100-HF)
Page 2
QW-JB042
Fig.1- Forward current derating curve
0
Lead temperature, (°C)
0
100
180
Fig.2- Maximum Non-repetitive peak
forward surge current
Number of cycles at 60Hz
Fig.3- Typical Instantaneous Forward
Characteristics
Forward voltage, (V)
80
120
140
1.0
Fig.4- Typical reverse characteristics
0.001
Percent of rated peak reverse voltage, (%)
0.1
1.0
60
160
Fig.5- Typical junction capacitance
10
Reverse voltage, (V)
10
100
400
0.1
100
REV:A
Resistive or inductive load
P.C.B Mounted on 0.2*0.2”(5.0*5.0mm)
0.01
0
100
20
40
60
80
1
100
10
Comchip Technology CO., LTD.
0
0.8
1.0
0.1
0.3
0.6
0.001
0.01
10
1.10
Copper pad areas
0.5
SMD Schottky Barrier Rectifiers
8.3ms Single Half Sine-Wave
0
5
10
20
25
15
30
1
10
100
1.00
o
TJ=100 C
o
TJ=25 C
CDBAT120-HF~140-HF
CDBAT160-HF
CDBAT1100-HF
0.9
0.7
0.5
0.4
0.2
Ta=25°C
O
TJ=25 C
f=1MHz
Vsig=50mVP-P
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - CDBAT120-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBAT120-HF COMCHIP-CDBAT120-HF Datasheet
512Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT120-HF COMCHIP-CDBAT120-HF_15 Datasheet
512Kb / 4P
   SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBAT120-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBZ320200-HF COMCHIP-CDBZ320200-HF Datasheet
480Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT320-HF COMCHIP-CDBAT320-HF_15 Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMHS240-HF COMCHIP-CDBMHS240-HF Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SL22B DSK-SL22B Datasheet
93Kb / 2P
   SMD SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
   SMD Schottky Barrier Rectifiers
CDBA120-HF COMCHIP-CDBA120-HF Datasheet
69Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA260-HF COMCHIP-ACDBA260-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBM120-HF COMCHIP-CDBM120-HF_12 Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com