Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5658-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # 2SC5658-HF
Description  General Purpose Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

2SC5658-HF Datasheet(HTML) 4 Page - Comchip Technology

  2SC5658-HF Datasheet HTML 1Page - Comchip Technology 2SC5658-HF Datasheet HTML 2Page - Comchip Technology 2SC5658-HF Datasheet HTML 3Page - Comchip Technology 2SC5658-HF Datasheet HTML 4Page - Comchip Technology 2SC5658-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Trailer Tape
End
Start
Reel Taping Specification
B
C
d
D
D2
D1
SOT-723
SYMBOL
A
(mm)
(inch)
2.142 ± 0.039
2.00 ± 0.10
1.50 ± 0.10
54.40 ± 1.00
13.00 ± 1.00
4.00 ± 0.10
2.00 ± 0.10
178 ± 2.00
0.059 0.004
+
7.008 ± 0.078
0.512 ± 0.039
SYMBOL
(mm)
(inch)
0.079 ± 0.004
0.158 ± 0.004
0.079 ± 0.004
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
3.50 ± 0.05
0.138 ± 0.002
SOT-723
1.33 ± 0.05
0.052 ± 0.002
1.45 ± 0.05
0.057 ± 0.002
0.61 ± 0.05
0.024 ± 0.002
12.30 ± 1.00
0.484 ± 0.039
8.00 0.30 /
+
–0.10
0.315 0.012 /
+
–0.004
Comchip
S M D D i o d e S p e c i a l i s t
General Purpose Transistor
Page 4
QW-JTR07
REV: A
100±4 Empty Pockets
Leader Tape
200±4 Empty Pockets
Components
P1
P0
D1
D2
D
W1
Comchip Technology CO., LTD.
T
C


Similar Part No. - 2SC5658-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
2SC5658-HF COMCHIP-2SC5658-HF Datasheet
98Kb / 5P
   General Purpose Transistor
logo
Infineon Technologies A...
2SC5658-HF INFINEON-2SC5658-HF Datasheet
98Kb / 5P
   General Purpose Transistor
REV: A
logo
Comchip Technology
2SC5658-HF COMCHIP-2SC5658-HF_15 Datasheet
98Kb / 5P
   General Purpose Transistor
More results

Similar Description - 2SC5658-HF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com