Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK6-8-B Datasheet(PDF) 4 Page - Meder Electronic

Part # MK6-8-B
Description  Reed Sensors for PCB Mounting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK6-8-B Datasheet(HTML) 4 Page - Meder Electronic

  MK6-8-B Datasheet HTML 1Page - Meder Electronic MK6-8-B Datasheet HTML 2Page - Meder Electronic MK6-8-B Datasheet HTML 3Page - Meder Electronic MK6-8-B Datasheet HTML 4Page - Meder Electronic MK6-8-B Datasheet HTML 5Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MK6 Series
Meder Electronic
Reed Sensors for
PCB Mounting
CONTACT DATA
www.willow.co.uk
Tel. +44 (0) 1342 835234 Fax. +44 (0) 1342 834306
All data 20 0C
Switch Model -->
Contact Form -->
Packaging styles -->
Contact 81 *
Form A
6, 7, 8
Contact 87
Form A
5
Contact 90
Form C
8
Contact Ratings
Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max. Units
Contact Rating
Any DC combination of V & A
not to exceed their individual
max.'s
5
10
3
W
Switching Voltage
DC or peak AC
90
200
175
V
Switching Current
DC or peak AC
0.5
0.5
0.25
A
Carry Current
DC or peak AC
1.0
0.5
1.2
A
Static Contact Resistance
w/ 0.5V & 10mA
200
150
150
m
Dynamic Contact Resistance
Measured w/ 0.5V & 50mA
1.5 ms after closure
200
200
250
m
Insulation Resistance across
Contacts
100 Volts applied
10
9
10
9
10
9
Breakdown Voltage across
Contacts
Voltage applied for 60 sec.
min.
100
230
200
VDC
Operate Time, incl. Bounce
Measured w/ 100% overdrive
0.5
0.6
0.7
ms
Reset Time
Measured w/ no coil
suppression
0.1
0.1
1.5
ms
Capacitance
@ 10kHz across contact
0.2
0.2
1.0
pF
Contact Operation **
Must Operate Condition
Steady state field
5
10
10
20
15
30
AT
Must Reset Condition
Steady state field
2
9
4
18
6
27
AT
Environmental Data
Shock Resistance
1/2 sine wave duration 11ms
30
50
50
g
Vibration Resistance
From 10 - 2000 Hz
10
20
20
g
Ambient Temperature
10
0C/ minute max. allowable
-20
85
-20
85
-20
85
0C
Storage Temperature
10 0C/ minute max. allowable
-35
85
-35
85
-35
85
0C
Soldering Temperature
5 sec. dwell
260
260
260
0C
Please note: The indicated electrical data are maximum values and can vary downwards when using a more sensitive switch.
* Switch model 81 is used for sensitivity range A only.
** These ranges refer to the uncut / unmodified Reed Switches described in our Reed Switch section. Consult factory if more detail is required.


Similar Part No. - MK6-8-B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MK60DN256VLL10 FREESCALE-MK60DN256VLL10 Datasheet
1Mb / 76P
   K60 Sub-Family
MK60DN256VLL10 FREESCALE-MK60DN256VLL10 Datasheet
1Mb / 80P
   Hardware CRC module to support fast cyclic redundancy checks
logo
NXP Semiconductors
MK60DN256VLL10 NXP-MK60DN256VLL10 Datasheet
1Mb / 80P
   Voltage range: 1.71 to 3.6 V
Rev. 3, 6/2013
logo
Freescale Semiconductor...
MK60DN256VLQ10 FREESCALE-MK60DN256VLQ10 Datasheet
1Mb / 80P
   K60 Sub-Family
MK60DN256VMC10 FREESCALE-MK60DN256VMC10 Datasheet
1Mb / 78P
   K60 Sub-Family
More results

Similar Description - MK6-8-B

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK06-4-C MEDER-MK06-4-C Datasheet
527Kb / 4P
   Reed Sensors for PCB Mounting
MK15-B-1 MEDER-MK15-B-1 Datasheet
1Mb / 3P
   Reed Sensors for SMD Mounting
MK22-A-1 MEDER-MK22-A-1 Datasheet
524Kb / 5P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1_10 Datasheet
434Kb / 4P
   Reed Sensors for SMD Mounting
MK24-A-1 MEDER-MK24-A-1 Datasheet
211Kb / 4P
   Reed Sensors for SMD Mounting
MK15-B-1 MEDER-MK15-B-1_10 Datasheet
429Kb / 3P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1 Datasheet
484Kb / 4P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1 Datasheet
1Mb / 1P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1_10 Datasheet
433Kb / 3P
   Reed Sensors for SMD Mounting
MK23-35 MEDER-MK23-35 Datasheet
772Kb / 8P
   Open Reed Sensors for SMD Mounting
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com