Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5748B Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 1N5748B
Description  ZENER VOLTAGE 4.7 TO 75V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N5748B Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  1N5748B Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 1N5748B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5748B MICROSEMI-1N5748B Datasheet
53Kb / 2P
   SILICON 400 mW ZENER DIODES
1N5748B MICROSEMI-1N5748B Datasheet
53Kb / 2P
   SILICON 400MW ZENER DIODES
1N5748B MICROSEMI-1N5748B Datasheet
319Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
11-03-2003 REV A
1N5748B-1 MICROSEMI-1N5748B-1 Datasheet
319Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
11-03-2003 REV A
More results

Similar Description - 1N5748B

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BZT52C2V0 AITSEMI-BZT52C2V0 Datasheet
405Kb / 6P
   ZENER DIODE 500mW, ZENER VOLTAGE 2.0V TO 75V
REV2.0
logo
First Components Intern...
BZX79C2V4 FCI-BZX79C2V4 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
[Old version datasheet]   36V to 75V Input Voltage Range
logo
Micro Commercial Compon...
SMAJ5913B MCC-SMAJ5913B_18 Datasheet
446Kb / 5P
   1.5 Watt Zener Diode 3.3 to 4.7 Volts
SMAJ4728A MCC-SMAJ4728A_18 Datasheet
559Kb / 5P
   1 Watt Zener Diode 3.3 to 4.7 Volts
logo
M.S. Kennedy Corporatio...
MSK690 MSK-MSK690_15 Datasheet
162Kb / 4P
   Adjustable High Voltage Power Supply to 75V
logo
E-CMOS Corporation
ECCZD5Z2V4 E-CMOS-ECCZD5Z2V4 Datasheet
316Kb / 6P
   150mW Surface Mount Zener Diodes-2.4V-75V
logo
Texas Instruments
PT4482N TI-PT4482N Datasheet
157Kb / 7P
[Old version datasheet]   36V to 75V Input Voltage Range Programmable Output Voltage Range: 1.3V to 3.5V
logo
UN Semiconducctor INC
10SMBT UNSEMI-10SMBT Datasheet
3Mb / 5P
   6.5 To 75V 1000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMDT UNSEMI-SMDT Datasheet
2Mb / 5P
   5.0 To 75V 3000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com