Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC082S051 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC082S051
Description  ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC082S051 Datasheet(HTML) 1 Page - Texas Instruments

  ADC082S051 Datasheet HTML 1Page - Texas Instruments ADC082S051 Datasheet HTML 2Page - Texas Instruments ADC082S051 Datasheet HTML 3Page - Texas Instruments ADC082S051 Datasheet HTML 4Page - Texas Instruments ADC082S051 Datasheet HTML 5Page - Texas Instruments ADC082S051 Datasheet HTML 6Page - Texas Instruments ADC082S051 Datasheet HTML 7Page - Texas Instruments ADC082S051 Datasheet HTML 8Page - Texas Instruments ADC082S051 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
2
3
4
5
6
7
8
CS
SCLK
DOUT
DIN
IN1
VA
GND
ADC102S101
IN2
ADC102S101
www.ti.com
SNAS287G – FEBRUARY 2005 – REVISED MARCH 2013
ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
Check for Samples: ADC102S101
1
FEATURES
DESCRIPTION
The
ADC102S101
is
a
low-power,
two-channel
2
Specified Over a Range of Sample Rates
CMOS 10-bit analog-to-digital converter with a high-
Two Input Channels
speed
serial
interface.
Unlike
the
conventional
Variable Power Management
practice of specifying performance at a single sample
rate only, the ADC102S101 is fully specified over a
Single Power Supply with 2.7V - 5.25V Range
sample rate range of 500 ksps to 1 Msps. The
converter is based on a successive-approximation
KEY SPECIFICATIONS
register architecture with an internal track-and-hold
DNL: + 0.26/
−0.16 LSB (Typ)
circuit. It can be configured to accept one or two input
signals at inputs IN1 and IN2.
INL: + 0.4/
−0.1 LSB (Typ)
SNR: 61.7 dB (Typ)
The output serial data is straight binary, and is
compatible with several standards, such as SPI™,
Power Consumption:
QSPI™, MICROWIRE, and many common DSP
3V Supply: 3.9 mW (Typ)
serial interfaces.
5V Supply: 11.4 mW (Typ)
The ADC102S101 operates with a single supply that
can range from +2.7V to +5.25V. Normal power
APPLICATIONS
consumption using a +3V or +5V supply is 3.9 mW
Portable Systems
and 11.4 mW, respectively. The power-down feature
reduces the power consumption to just 0.12 µW using
Remote Data Acquisition
a +3.6V supply, or 0.47 µW using a +5.5V supply.
Instrumentation and Control Systems
The ADC102S101 is packaged in an 8-lead VSSOP
package. Operation over the industrial temperature
range of
−40°C to +85°C is guaranteed.
Table 1. Pin-Compatible Alternatives by Resolution and Speed(1)
Resolution
Specified for Sample Rates of:
50 to 200 ksps
200 to 500 ksps
500 ksps to 1 Msps
12-bit
ADC122S021
ADC122S051
ADC122S101
10-bit
ADC102S021
ADC102S051
ADC102S101
8-bit
ADC082S021
ADC082S051
ADC082S101
(1)
All devices are fully pin and function compatible.
Connection Diagram
Figure 1. 8-Lead VSSOP
See DGK Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC082S051

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC082S051 NSC-ADC082S051 Datasheet
941Kb / 19P
   2 Channel, 1 MSPS 12-Bit A/D Converter
logo
Texas Instruments
ADC082S051 TI-ADC082S051 Datasheet
1Mb / 25P
[Old version datasheet]   ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC082S051 TI1-ADC082S051 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
More results

Similar Description - ADC082S051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC102S101CIMMX TI1-ADC102S101CIMMX Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S101 2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC102S101 TI1-ADC102S101_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC108S102 TI1-ADC108S102_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC082S101 TI1-ADC082S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC122S101 TI1-ADC122S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
ADC122S101 TI1-ADC122S101_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
ADC104S101CIMM TI-ADC104S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC104S101 TI1-ADC104S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC108S102 TI1-ADC108S102_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC108S102 8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com