Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRA8 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SRA8
Description  FAST SWITCHING PLASITC RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SRA8 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SRA8 Datasheet HTML 1Page - GOOD-ARK Electronics SRA8 Datasheet HTML 2Page - GOOD-ARK Electronics SRA8 Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes:
(1) Pulse test: Pulse width 300uSec, Duty cycle 1%
(2) Reverse recovery test conditions: I
F=0.5A, IR=1.0A, Irr=0.25A
(3) Measured at 1.0MHz and applied reverse voltage of 4.0 volts
Symbols
SRA7
SRA8
SRA9
Units
Maximum repetitive peak reverse voltage
V
RRM
400
600
1000
Volts
Maximum RMS voltage
V
RMS
280
420
700
Volts
Maximum DC blocking voltage
V
DC
400
600
1000
Volts
Average forward current
at T
J=90
I
(AV)
1.0
Amp
Peak forward surge current
8.3mS single half sine-wave
I
FSM
30.0
Amps
Maximum instantaneous forward voltage
at I
FM=1.0A; TJ=25
(Note 1)
V
F
1.3
Volts
Maximum DC reverse current
T
J=25
at rated DC blocking voltage
T
J=125
I
R
5.0
200.0
A
Maximum reverse recovery time (Note 2)
T
rr
150
250
nS
Typical junction capacitance (Note 3)
C
J
50.0
F
Maximum thermal resistance
R
JL
15
/W
Operating and Storage temperature range
T
J, TSTG
-50 to +150
Features
SRA7 THRU SRA9
FAST SWITCHING PLASITC RECTIFIER
Reverse Voltage - 400 to 1000 Volts
Forward Current - 1.0 Ampere
Maximum Ratings and Electrical Characteristics @25 unless otherwise specified
1
Mechanical Data
For surface mounted applications
Low profile package
Built-in strain relief
Easy pick and place
Fast recovery times for high efficiency
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
High temperature soldering:
260 /10 seconds at terminals
Case: SMA molded plastic
Terminals: Solder plated solderable per
MIL-STD-750, method 2026
Polarity: Indicated by cathode band
Weight: 0.004 ounce, 0.113 gram
DI M E NS I O NS
DI M
i n c hes
m m
No t e
Mi n .
Ma x .
Mi n .
Ma x .
A
0 . 216
0. 226
5. 48
5. 74
B
0 . 176
0. 182
4. 48
4. 63
C
0 . 094
0. 100
2. 40
2. 55
D
0 . 170
0. 176
4. 33
4. 48
E
0 . 039
0. 055
1. 00
1. 40
F
0 . 080
0. 081
2. 03
2. 07
G
0 . 068
0. 083
1. 72
2. 10
H
0 .1 1 2
0 . 1 1 8
2 .8 5
3 .0 0
J
0 . 057
-
1 . 4 4
-
K
-
0. 018
-
0 . 4 5
L
0 . 016
-
0 . 4 0
-
M
0 . 109
0. 1 1 5
2 . 7 7
2 . 9 3
N
0 . 105
0. 107
2. 67
2. 73
P
0 . 078
0. 081
2. 00
2. 05


Similar Part No. - SRA8

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SRA8 EIC-SRA8 Datasheet
47Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
SRA8 EIC-SRA8 Datasheet
56Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
SRA8100 TSC-SRA8100 Datasheet
53Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRA8100 TSC-SRA8100 Datasheet
255Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
SRA8100 TSC-SRA8100 Datasheet
218Kb / 2P
   8.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SRA8

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BA157 GOOD-ARK-BA157 Datasheet
178Kb / 2P
   FAST SWITCHING PLASITC RECTIFIER
RL101F GOOD-ARK-RL101F Datasheet
207Kb / 3P
   FAST SWITCHING PLASITC RECTIFIER
RL101 GOOD-ARK-RL101 Datasheet
199Kb / 2P
   GENERAL PURPOSE PLASITC RECTIFIER
SN21 GOOD-ARK-SN21 Datasheet
197Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE PLASITC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
FR101 CHENG-YI-FR101 Datasheet
114Kb / 2P
   FAST SWITCHING RECTIFIER
IN4933 CHENG-YI-IN4933 Datasheet
118Kb / 2P
   FAST SWITCHING RECTIFIER
FR301 CHENG-YI-FR301 Datasheet
119Kb / 2P
   FAST SWITCHING RECTIFIER
logo
Chenmko Enterprise Co. ...
SFR301PT CHENMKO-SFR301PT Datasheet
77Kb / 2P
   FAST SWITCHING RECTIFIER
logo
Digitron Semiconductors
1N5415 DIGITRON-1N5415 Datasheet
95Kb / 1P
   FAST SWITCHING RECTIFIER
logo
Chenmko Enterprise Co. ...
SFR101PT CHENMKO-SFR101PT Datasheet
70Kb / 2P
   FAST SWITCHING RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com