Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN1G Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SN1G
Description  SURFACE MOUNT GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SN1G Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SN1G Datasheet HTML 1Page - GOOD-ARK Electronics SN1G Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes:
(1) Reverse recovery test conditions: I
F=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts
(3) 8.0mm2 (0.013mm thick) land areas
Symbols
SN1A
SN1B
SN1D
SN1G
SN1J
SN1K
SN1M
SN13
Units
Maximum repetitive peak reverse voltage
V
RRM
50
100
200
400
600
800
1000
1300
Volts
Maximum RMS voltage
V
RMS
35
70
140
280
420
560
700
910
Volts
Maximum DC blocking voltage
V
DC
50
100
200
400
600
800
1000
1300
Volts
Maximum average forward rectified current
at T
L=100
I
(AV)
1.0
Amp
Peak forward surge current
8.3mS single half sine-wave superimposed
on rated load (MIL-STD-750D 4066 method)
I
FSM
30.0
Amps
Maximum instantaneous forward voltage at 1.0A
V
F
1.10
Volts
Maximum DC reverse current
T
A=25
at rated DC blocking voltage
T
A=125
I
R
5.0
200.0
A
Maximum reverse recovery time (Note 1)
T
rr
2.0
S
Typical junction capacitance (Note 2)
C
J
15.0
F
Maximum thermal resistance (Note 3)
R
JL
30.0
/W
Operating and storage temperature range
T
J, TSTG
-55 to +150
Features
SN1A THRU SN1M, SN13
SURFACE MOUNT GENERAL PURPOSE PLASTIC RECTIFIER
Reverse Voltage - 50 to 1300 Volts
Forward Current - 1.0 Ampere
For surface mounted applications
Low profile package
Built-in strain relief
Easy pick and place
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
High temperature soldering:
260 /10 seconds at terminals
Maximum Ratings and Electrical Characteristics
1
Ratings at 25 ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Mechanical Data
Case: SMA molded plastic
Terminals: Solder plated, solderable per
MIL-STD-750, method 2026
Polarity: Indicated by cathode band
Weight: 0.004 ounce, 0.115 gram
DI M E NS I O NS
DI M
i n c hes
m m
No t e
Mi n .
Ma x .
Mi n .
Ma x .
A
0 . 216
0. 226
5. 48
5. 74
B
0 . 176
0. 182
4. 48
4. 63
C
0 . 094
0. 100
2. 40
2. 55
D
0 . 170
0. 176
4. 33
4. 48
E
0 . 039
0. 055
1. 00
1. 40
F
0 . 080
0. 081
2. 03
2. 07
G
0 . 068
0. 083
1. 72
2. 10
H
0 .1 1 2
0 . 1 1 8
2 .8 5
3 .0 0
J
0 . 057
-
1 . 4 4
-
K
-
0. 018
-
0 . 4 5
L
0 . 016
-
0 . 4 0
-
M
0 . 109
0. 1 1 5
2 . 7 7
2 . 9 3
N
0 . 105
0. 107
2. 67
2. 73
P
0 . 078
0. 081
2. 00
2. 05


Similar Part No. - SN1G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN1G EIC-SN1G Datasheet
57Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Leshan Radio Company
SN1G LRC-SN1G Datasheet
177Kb / 9P
   Surface Mount General Reverse Voltage 50 to 1000V
More results

Similar Description - SN1G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SNOA GOOD-ARK-SNOA Datasheet
191Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE PLASTIC RECTIFIER
SN3A GOOD-ARK-SN3A Datasheet
197Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE PLASTIC RECTIFIER
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04 Datasheet
99Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
GS3ABQ YANGJIE-GS3ABQ Datasheet
764Kb / 4P
   Surface Mount General Purpose Rectifier
GS5AQ YANGJIE-GS5AQ Datasheet
215Kb / 4P
   Surface Mount General Purpose Rectifier
GS1A YANGJIE-GS1A Datasheet
360Kb / 4P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1AW PANJIT-GS1AW Datasheet
113Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
G1AQ YANGJIE-G1AQ Datasheet
219Kb / 5P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1AWG PANJIT-GS1AWG Datasheet
117Kb / 5P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
GS1AWZ PANJIT-GS1AWZ Datasheet
109Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com