Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLP6045LT-220M Datasheet(PDF) 4 Page - TDK Electronics

Part # VLP6045LT-220M
Description  Inductors for Power Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLP6045LT-220M Datasheet(HTML) 4 Page - TDK Electronics

  VLP6045LT-220M Datasheet HTML 1Page - TDK Electronics VLP6045LT-220M Datasheet HTML 2Page - TDK Electronics VLP6045LT-220M Datasheet HTML 3Page - TDK Electronics VLP6045LT-220M Datasheet HTML 4Page - TDK Electronics VLP6045LT-220M Datasheet HTML 5Page - TDK Electronics VLP6045LT-220M Datasheet HTML 6Page - TDK Electronics VLP6045LT-220M Datasheet HTML 7Page - TDK Electronics VLP6045LT-220M Datasheet HTML 8Page - TDK Electronics VLP6045LT-220M Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
(3/12)
INDUC
T
O
RS
001-01 / 20130516 / e531_vlp.fm
• All specifications are subject to change without notice.
Overview of the VLP Series
RECOMMENDED REFLOW PROFILE
Preheating
Soldering
Peak
Temp.
Time
Temp.
Time
Temp.
Time
T1
T2
t1
T3
t2
T4
t3
150°C
180°C
60 to 120s
220°C
40s
260°C
5s
Natural
cooling
t3
t1
Preheating
t2
Soldering
T3
T3
T4
T2
T1
t: Time
Peak


Similar Part No. - VLP6045LT-220M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLP6045LT-220M TDK-VLP6045LT-220M Datasheet
1Mb / 13P
   Inductors for Power Circuits Wound Ferrite VLPseries
VLP6045LT-220M TDK-VLP6045LT-220M Datasheet
1Mb / 13P
   Inductors for Power Circuits Wound Ferrite VLPseries
VLP6045LT-220M TDK-VLP6045LT-220M Datasheet
1Mb / 13P
   Inductors for Power Circuits Wound Ferrite
VLP6045LT-220M TDK-VLP6045LT-220M Datasheet
119Kb / 9P
   Wound Ferrite
More results

Similar Description - VLP6045LT-220M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF7032T-101MR45-2-PF TDK-SLF7032T-101MR45-2-PF Datasheet
7Mb / 49P
   Inductors for Power Circuits
VLP8040T-101M TDK-VLP8040T-101M Datasheet
169Kb / 13P
   Inductors for Power Circuits
SPM3012-LR TDK-SPM3012-LR Datasheet
130Kb / 9P
   Inductors for Power Circuits
CLF7045T-3R3N TDK-CLF7045T-3R3N Datasheet
1Mb / 13P
   Inductors for Power Circuits
CLF7045 TDK-CLF7045 Datasheet
132Kb / 5P
   Inductors for Power Circuits
VLCF4028T-471MR14-2 TDK-VLCF4028T-471MR14-2 Datasheet
158Kb / 10P
   Inductors for Power Circuits
CLF7045T-6R8N TDK-CLF7045T-6R8N Datasheet
179Kb / 13P
   Inductors for Power Circuits
SPM5020-LR TDK-SPM5020-LR Datasheet
127Kb / 9P
   Inductors for Power Circuits
SPM5020T-4R7M-LR TDK-SPM5020T-4R7M-LR Datasheet
127Kb / 9P
   Inductors for Power Circuits
SPM3015-LR TDK-SPM3015-LR Datasheet
116Kb / 9P
   Inductors for Power Circuits
SLF7045T-101MR50-PF TDK-SLF7045T-101MR50-PF Datasheet
7Mb / 49P
   Inductors for Power Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com