Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC621J Datasheet(PDF) 2 Page - C&K Components

Part # KSC621J
Description  Positive tactile feeling
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC621J Datasheet(HTML) 2 Page - C&K Components

  KSC621J Datasheet HTML 1Page - C&K Components KSC621J Datasheet HTML 2Page - C&K Components KSC621J Datasheet HTML 3Page - C&K Components KSC621J Datasheet HTML 4Page - C&K Components KSC621J Datasheet HTML 5Page - C&K Components KSC621J Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
B–36
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ck-components.com
B
9 Apr 14
+0,3
6,2 0
ø 2
4˚ max
R0,2
smooth surface
+0,3
6,2 0
2,
+0,3
6,2 0
ø 2,8
+0,3
6,2 0
ø 4,7
ø 2,9
ACTUATOR
KSC4 SOFT, 5,2 mm HIGH
KSC7 SOFT, 4,3 mm HIGH, BLUE ACTUATOR
KSC1 WITHOUT, 2.5 mm HIGH
KSC Series
Sealed Tact Switch for SMT
KSC2 SOFT, 3,5 mm HIGH
KSC3 HARD, 3,5 mm HIGH
+0,3
6,2 0
ø 2,9
KSC6 HARD, 7,7 mm HIGH
NOTE: Soft material available are
silicon 50 SH / 70 SH and EPDM,
please refer to KSC-ST datasheet.
+0,3
6,2 0
ø 3
KSC8 HARD, 4,9 mm HIGH
ø 2,96
ø 4,7
+0,3
6,2 0


Similar Part No. - KSC621J

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC621J CK-COMPONENTS-KSC621J Datasheet
273Kb / 6P
   Sealed Tact Switch for SMT
KSC621J CK-COMPONENTS-KSC621J Datasheet
299Kb / 6P
   KSC Series Sealed Tact Switch for SMT
logo
ITT Industries
KSC621J ITT-KSC621J Datasheet
250Kb / 5P
   Sealed Tact Switch for SMT
logo
C&K Components
KSC621J CK-COMPONENTS-KSC621J Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC621J CK-COMPONENTS-KSC621J Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
More results

Similar Description - KSC621J

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC341GLFS CK-COMPONENTS-KSC341GLFS Datasheet
312Kb / 6P
   Positive tactile feeling
logo
ALPS ELECTRIC CO.,LTD.
SKRT ALPS-SKRT_15 Datasheet
676Kb / 3P
   Side push with high solder strength and tactile feeling
logo
Productwell Precision E...
R12C12AB1 PRODUCTWELL-R12C12AB1_14 Datasheet
1Mb / 1P
   Excellent Operatonal Feeling
R12C12BB1 PRODUCTWELL-R12C12BB1_14 Datasheet
1Mb / 1P
   Excellent Operatonal Feeling
logo
Grayhill, Inc
62HS22-H0-040S GRAYHILL-62HS22-H0-040S Datasheet
335Kb / 2P
   High Rotational Torque Provides Positive Tactile Feedback
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
   Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
   Tactile Switch
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
   Tactile Switches
logo
CUI INC
TS04 CUI-TS04 Datasheet
429Kb / 5P
   TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
   TACTILE SWITCH
04/13/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com