Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC4A16M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EC4A16M
Description  5-6WATT 2 1 INPUT RANGE DC-DC CONVERTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC4A16M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EC4A16M Datasheet HTML 1Page - List of Unclassifed Manufacturers EC4A16M Datasheet HTML 2Page - List of Unclassifed Manufacturers EC4A16M Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ....…………..........….... 12V .............................. 9-18V
Efficiency ................................................................................. See Table
24V ............................ 18-36V
Isolation Voltage:
48V ............................ 36-72V
500 VDC min. ………….…………………………… Standard Models
Input Surge Voltage (100ms max.) ………… 12V …….….......... 25Vdc max.
3K VDC min. ... (Non-Conductive Black Plastic Only) …… Suffix “H” Models
24V ....................... 50Vdc max.
1.5K VDC min. ………….………………………… Suffix “HM” Models
48V ..................... 100Vdc max.
Isolation Resistance .....................................................…… 10
9 ohm min.
Input Filter ………………………………………………….…….……..... Pi Type
Isolation Capacitance…………………..…………………… 250pF Typ.
OUTPUT SPECIFICATIONS:
Switching Frequency ...................................................... 100KHz, min.
Voltage Accuracy .......................................................................... ±2.0% max.
Operating Ambient Temperature Range .......................... -25℃ to +71℃
Voltage Balance (Dual) .................................................................. ±1.0% max.
“-E” models: -40℃ to +85℃ with Derating
Temperature Coefficient …………………………………………… ±0.05%/℃
Power de-rating Curve ……………………………………….. see Figure1
Ripple & Noise, 20MHz BW (Note 5) ……. 3.3V/5V ….…… 100mV p-p, max
Case Temperature (Note 4) … Plastic/Copper case... 95℃/100℃ max.
12V/15V ………… 1% p-p max.
Cooling ……………………………………………….. Natural Convection
Short Circuit Protection ……………………………………………… Continuous
Storage Temperature Range ………....….......……........ -40℃ to +100℃
Line Regulation ……...… Single/Dual (Note 1) ….……………. ±0.5% max.
Humidity .................................................. 95% RH max. Non condensing
Load Regulation …….… Single (Note 2) ..….…......……….... ±0.5% max.
MTBF ………. MIL-STD-217F ..……..……………………… 2000Khrs typ.
Dual (Note 3) ……….…………………±1.0% max.
“-E” models: 1800Khrs typ.
Start up time …………………………………….………………..…... 5 ms max.
Dimensions …….. DIP…..… 1.25
×0.80x0.40 inches(31.8x20.3×10.2mm)
NOTE:
SMD ..… 1.25
×0.80x0.45 inches(31.8x20.3×11.4mm)
1. Measured From High Line to Low Line
S/HS Models (note 6) … 1.25
×0.80x0.41 inches(31.8x20.3×10.4mm)
2. Measured From Full Load to 10% Load
Case Material:
3. Measured From Full Load to 1/4 Load
Standard Models ………….…………… Non-Conductive Black Plastic
4. Maximum case temperature under any operating condition should
Suffix “M” Models .. Black Coated Copper with Non-conductive Base
not exceed 95℃(Plastic Case),100℃(Copper Case)
Suffix “S” Models …….……………………..…………… SMD package
5. The output noise is measured with 0.1uF MLCC across for SMD package
Weight …………………………………………………………………... 12.5g
6. S and HS models for “E” Version Only
Case A Dimensions:
BOTTOM
VIEW
SEE NOTE
PIN CONNECTION
500 VDC
1.5K & 3K VDC
Pin
Single Output
Dual Output
1,24
2,23
3,22
10,15
11,14
12,13
+V Input
NC
NC
-V Output
+V Output
-V Input
+V Input
-V Output
-V Input
Common
Common
+V Output
* NP-NO PIN
* NC-NO CONNECTION WITH PIN
NOTE:Pin Size is 0.02 ±0.002Inch (0.5±0.05mm)DIA
All Dimensions In Inches (mm)
Tolerances
Inches: X.XX= ±0.02 , X.XXX= ±0.010
Millimeters: X.X= ±0.5 , X.XX=±0.25
9
4
20,21
CASE AS
TOP
VIEW
DIP
SMD
NP
NC
NP
NC
NP
NC
DIP
SMD
Pin
Single Output
Dual Output
DIP
SMD
DIP
SMD
NP
NC
NP
NC
NP
NC
NC
NC
-V Output
Common
-V Input
-V Input
+V Output
+V Output
Common
-V Output
+V Input
+V Input
1,24
2,3
10,15
11
12,13
14
9
22,23
16
4,5
20,21
NP
NC
NP
NC
NP
NC
NP
NC
NC
NC
NP
NC
NP
NC
NP
NC
NP
NC
16
NP
NC
NP
NC
5
NP
NC
NP
NC
*0.41(10.4)mm for "-E" Version S/HS Models
Figure1.Typical Derating curve for Natural Convection
100
71
- 40
100
-40
80
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
20
40
60
80
100
Ambient Temperature(
o
C)
Plastic Case
Copper Case
-E Version


Similar Part No. - EC4A16M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC4A16M ETC2-EC4A16M Datasheet
187Kb / 3P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4A16M ETC2-EC4A16M Datasheet
187Kb / 3P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4A16MS ETC2-EC4A16MS Datasheet
187Kb / 3P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4A16MS ETC2-EC4A16MS Datasheet
187Kb / 3P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results

Similar Description - EC4A16M

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC4AB CINCON-EC4AB Datasheet
215Kb / 2P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4A-E CINCON-EC4A-E Datasheet
257Kb / 2P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4A CINCON-EC4A Datasheet
215Kb / 2P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
List of Unclassifed Man...
EC4A01HM ETC2-EC4A01HM Datasheet
187Kb / 3P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4A14HMS ETC2-EC4A14HMS Datasheet
187Kb / 3P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC6A11 ETC2-EC6A11 Datasheet
137Kb / 3P
   7.5WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC6A CINCON-EC6A Datasheet
183Kb / 2P
   7.5WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC7B CINCON-EC7B Datasheet
216Kb / 2P
   20 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
MicroPower Direct, LLC
MI2500RW MPD-MI2500RW Datasheet
809Kb / 4P
   Compact, 25W, 2:1 Input Range DC/DC Converters
logo
CINCON ELECTRONICS Corp...
EC5BE CINCON-EC5BE Datasheet
198Kb / 2P
   15 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com