Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDPF12N50NZT Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDPF12N50NZT
Description  N-Channel UniFETTM II MOSFET 500 V, 11.5 A, 520 m
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF12N50NZT Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDPF12N50NZT Datasheet HTML 1Page - Fairchild Semiconductor FDPF12N50NZT Datasheet HTML 2Page - Fairchild Semiconductor FDPF12N50NZT Datasheet HTML 3Page - Fairchild Semiconductor FDPF12N50NZT Datasheet HTML 4Page - Fairchild Semiconductor FDPF12N50NZT Datasheet HTML 5Page - Fairchild Semiconductor FDPF12N50NZT Datasheet HTML 6Page - Fairchild Semiconductor FDPF12N50NZT Datasheet HTML 7Page - Fairchild Semiconductor FDPF12N50NZT Datasheet HTML 8Page - Fairchild Semiconductor FDPF12N50NZT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
November 2013
©2010 Fairchild Semiconductor Corporation
FDP12N50NZ / FDPF12N50NZ Rev. C1
www.fairchildsemi.com
1
FDP12N50NZ / FDPF12N50NZ
N-Channel UniFETTM II MOSFET
500 V, 11.5 A, 520 m
Features
•RDS(on) = 460 m (Typ.) @ VGS = 10 V, ID = 5.75 A
• Low Gate Charge (Typ. 23 nC )
• Low Crss (Typ. 14 pF )
• 100% Avalanche Tested
• ESD Improved Capability
• RoHS Compliant
Applications
• LCD/LED/PDP TV
• Lighting
• Uninterruptible Power Supply
Description
UniFETTM II MOSFET is Fairchild Semiconductor’s high voltage
MOSFET family based on advanced planar stripe and DMOS
technology. This advanced MOSFET family has the smallest
on-state resistance among the planar MOSFET, and also pro-
vides superior switching performance and higher avalanche
energy strength. In addition, internal gate-source ESD diode
allows UniFET II MOSFET to withstand over 2kV HBM surge
stress. This device family is suitable for switching power con-
verter applications such as power factor correction (PFC), flat
panel display (FPD) TV power, ATX and electronic lamp bal-
lasts.
MOSFET Maximum Ratings T
C = 25
oC unless otherwise noted.
*Drain current limited by maximum junction temperature
Thermal Characteristics
Symbol
Parameter
FDP12N50NZ FDPF12N50NZ
Unit
VDSS
Drain to Source Voltage
500
V
VGSS
Gate to Source Voltage
±25
V
ID
Drain Current
- Continuous (TC = 25oC)
11.5
11.5*
A
- Continuous (TC = 100oC)
6.9
6.9*
IDM
Drain Current
- Pulsed
(Note 1)
46
46*
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
560
mJ
IAR
Avalanche Current
(Note 1)
11.5
A
EAR
Repetitive Avalanche Energy
(Note 1)
17
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation
(TC = 25oC)
170
42
W
- Derate above 25oC
1.37
0.33
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temperature for Soldering,
1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
FDP12N50NZ FDPF12N50NZ
Unit
RJC
Thermal Resistance, Junction to Case, Max.
0.73
3.0
oC/W
RJA
Thermal Resistance, Junction to Ambient, Max.
62.5
62.5
TO-220
GD
S
TO-220F
G
DS
G
D
S


Similar Part No. - FDPF12N50NZT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF12N50NZ FAIRCHILD-FDPF12N50NZ Datasheet
388Kb / 10P
   N-Channel UniFETTM II MOSFET?
FDPF12N50NZ FAIRCHILD-FDPF12N50NZ Datasheet
388Kb / 10P
   N-Channel UniFET II MOSFET?
FDPF12N50NZ FAIRCHILD-FDPF12N50NZ Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FDPF12N50NZ ISC-FDPF12N50NZ Datasheet
241Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - FDPF12N50NZT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP8N50NZ FAIRCHILD-FDP8N50NZ Datasheet
882Kb / 10P
   N-Channel UniFETTM II MOSFET 500 V, 8 A, 850 m
October 2013
FDPF20N50FT FAIRCHILD-FDPF20N50FT Datasheet
429Kb / 10P
   N-Channel UniFETTM FRFET짰 MOSFET 500 V, 20 A, 260 m?
FDPF16N50T FAIRCHILD-FDPF16N50T Datasheet
1Mb / 8P
   N-Channel UniFETTM MOSFET 500 V, 16 A, 380 m廓
FDPF12N60NZ FAIRCHILD-FDPF12N60NZ Datasheet
376Kb / 10P
   N-Channel UniFETTM II MOSFET 600 V, 12 A, 650 m?
FDP10N60NZ FAIRCHILD-FDP10N60NZ Datasheet
494Kb / 10P
   N-Channel UniFETTM II MOSFET 600 V, 10 A, 750 m?
FDP7N60NZ FAIRCHILD-FDP7N60NZ Datasheet
354Kb / 10P
   N-Channel UniFETTM II MOSFET
FDD8N50NZTM FAIRCHILD-FDD8N50NZTM Datasheet
326Kb / 8P
   N-Channel UniFETTM II MOSFET?
FDPF3N50NZ FAIRCHILD-FDPF3N50NZ Datasheet
328Kb / 9P
   N-Channel UniFETTM II MOSFET?
FDPF12N50NZ FAIRCHILD-FDPF12N50NZ Datasheet
388Kb / 10P
   N-Channel UniFETTM II MOSFET?
logo
ON Semiconductor
FDP18N50 ONSEMI-FDP18N50 Datasheet
1Mb / 11P
   N-Channel UniFETTM MOSFET 500 V, 18 A, 265 mΩ
November-2017, Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com