Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF301 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SF301
Description  SUPER FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SF301 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SF301 Datasheet HTML 1Page - GOOD-ARK Electronics SF301 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes:
(1) Reverse recovery test conditions: I
F=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0MHz and applied reverse voltage of 4.0 VDC
(3) Thermal resistance from junction to ambient and from junction to lead length 0.375” (9.5mm) P.C.B. mounted
Symbols
SF
301
SF
302
SF
303
SF
304
SF
305
SF
306
SS
307
SF
308
SF
309
Units
Maximum repetitive peak reverse voltage
V
RRM
50
100
150
200
300
400
600
800
1000
Volts
Maximum RMS voltage
V
RMS
35
70
105
140
210
280
420
560
700
Volts
Maximum DC blocking voltage
V
DC
50
100
150
200
300
400
600
800
1000
Volts
Maximum average forward current
0.375" (9.5mm) lead length at T
A=55
I
(AV)
3.0
Amps
Peak forward surge current, I
FM (surge):
8.3mS single half sine-wave superimposed
on rated load (MIL-STD-750D 4066 method)
I
FSM
125.0
Amps
Maximum forward voltage at 3.0A DC
V
F
0.95
1.25
1.40
Volts
Maximum DC reverse current
T
A=25
at rated DC blocking voltage
T
A=125
I
R
5.0
400.0
A
Maximum reverse recovery time (Note 1)
T
rr
35.0
nS
Typical junction capacitance (Note 2)
C
J
95.0
F
Typical thermal resistance (Note 3)
R
JA
20.0
/W
Operating and storage temperature range
T
J, TSTG
-55 to +150
Features
Mechanical Data
SF301 THRU SF309
SUPER FAST RECOVERY RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 3.0 Amperes
Superfast recovery times
Low forward voltage, high current capability
Hermetically sealed
Low leakage
High surge capability
Plastic package has Underwriters Laboratories
Flammability classification 94V-0 utilizing
Flame retardant epoxy molding compound
Case: Molded plastic, DO-201AD
Terminals: Axial leads, solderable to
MIL-STD-202, method 208
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.042 ounce, 1.19 grams
Maximum Ratings and Electrical Characteristics
1
Ratings at 25 ambient temperature unless otherwise specified.
Resistive or inductive load, 60Hz.
DIMENSIONS
DIM
inches
mm
Note
Min.
Max.
Min.
Max.
A
0.283
0.374
7.20
9.50
B
0.189
0.208
4.80
5.30
C
0.048
0.051
1.20
1.30
D
1.000
-
25.40
-


Similar Part No. - SF301

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF301 WTE-SF301 Datasheet
47Kb / 3P
   3.0A SOFT FAST RECOVERY RECTIFIER
logo
Bytes
SF301 BYTES-SF301 Datasheet
166Kb / 2P
   30.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF301 DCCOM-SF301 Datasheet
524Kb / 2P
   TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
logo
Diodes Incorporated
SF301 DIODES-SF301 Datasheet
63Kb / 3P
   30A SUPER-FAST RECTIFIER
DS24007 Rev. D-3
logo
Formosa MS
SF301 FORMOSA-SF301 Datasheet
39Kb / 2P
   30.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF301

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
SSF161 CHENG-YI-SSF161 Datasheet
166Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
TRANSYS Electronics Lim...
85HFL TEL-85HFL Datasheet
201Kb / 1P
   Super Fast Recovery Rectifier
SD203N TEL-SD203N Datasheet
158Kb / 1P
   Super Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
SF11 MIC-SF11 Datasheet
56Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
Chongqing Pingwei Enter...
SF31 CHONGQING-SF31 Datasheet
40Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
SF51 CHONGQING-SF51 Datasheet
39Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
logo
Chenmko Enterprise Co. ...
U16P20PT CHENMKO-U16P20PT Datasheet
68Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
U16U10PT CHENMKO-U16U10PT Datasheet
109Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
GOOD-ARK Electronics
SF101 GOOD-ARK-SF101 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
SF201 GOOD-ARK-SF201 Datasheet
177Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
SF501 GOOD-ARK-SF501 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com