Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCA1206C334M-H2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FCA1206C334M-H2
Description  Type FCA Acrylic Surface Mount Film Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FCA1206C334M-H2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FCA1206C334M-H2 Datasheet HTML 1Page - List of Unclassifed Manufacturers FCA1206C334M-H2 Datasheet HTML 2Page - List of Unclassifed Manufacturers FCA1206C334M-H2 Datasheet HTML 3Page - List of Unclassifed Manufacturers FCA1206C334M-H2 Datasheet HTML 4Page - List of Unclassifed Manufacturers FCA1206C334M-H2 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 www.cde.com
Type FCA Acrylic Surface Mount Film Capacitors
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 www.cde.com
Ratings
Specifications
Moisture Resistance:
After 500 hours with rated voltage applied at +40 ºC and
90 to 95% RH, the capacitor will meet the following limits:
C = +20/–3% of the initial measured value
DF 2.25% (at 1 kHz)
IR > 100MΩ (C 0.33 µF)
IR > 30MΩµF(C > 0.33 µF)
Dielectric Strength: Capacitor will withstand 130%
of the rated voltage for 1 minute.
Life Test:
Apply 125% of the rated DC working voltage at 85 ºC
for 1000 hours, and then stabilize them to +20 ºC.
Capacitors will meet the following limits:
C = +7%/–20% of the initial measured value
DF 1.65% (at 1 kHz)
IR > 300MΩ (C 0.33 µF)
IR > 100MΩ
µF(C > 0.33 µF)
Outline Drawing
Outline Dimen-
Part Number
Case
Inches
Millmeters
Suffix
Code
L
W
H
S
L
W
H
S
(±.008in.) (±.008in.) (±.008in.) (±.012in.) (±0.2mm) (±0.2mm) (±0.2mm) (±0.3mm)
J2
0805
0.079
0.049
0.039
0.018
2.0
1.25
1.0
0.45
H1
1206
0.126
0.063
0.032
0.026
3.2
1.60
0.8
0.65
H2
1206
0.126
0.063
0.039
0.026
3.2
1.60
1.0
0.65
H3
1206
0.126
0.063
0.055
0.026
3.2
1.60
1.4
0.65
G2
1210
0.126
0.098
0.055
0.026
3.2
2.50
1.4
0.65
Catalog Part
Maximum Current
Capacitance
Number
dv/dt 10kHz
20kHz
50kHz
100kHz 200kHz 500kHz
1MHz
(µF)
(V/µs) (Arms) (Arms)
(Arms)
(Arms)
(Arms)
(Arms)
(Arms)
10 Vdc
1.00
FCA1206A105M-H3
3
0.60
0.76
1.05
1.220
1.35
1.43
1.43
16 Vdc
.10
FCA0805C104M-J2
19
0.15
0.21
0.3
0.375
0.46
0.58
0.65
.15
FCA1206C154M-H1
15
0.21
0.28
0.37
0.450
0.54
0.62
0.68
.22
FCA1206C224M-H1
13
0.25
0.33
0.45
0.550
0.66
0.76
0.84
.33
FCA1206C334M-H2
10
0.35
0.45
0.61
0.740
0.84
0.94
1.00
.47
FCA1206C474M-H3
7
0.39
0.52
0.71
0.860
1.00
1.10
1.17
.68
FCA1206C684M-H3
5
0.48
0.625
0.85
1.040
1.19
1.31
1.34
1.00
FCA1210C105M-G2
3
0.60
0.78
1.05
1.250
1.38
1.46
1.46


Similar Part No. - FCA1206C334M-H2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
FCA1206C334M-H2 CDE-FCA1206C334M-H2 Datasheet
217Kb / 5P
   Acrylic Surface Mount Film Capacitors
logo
List of Unclassifed Man...
FCA1206C334M-H2 ETC2-FCA1206C334M-H2 Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
logo
Cornell Dubilier Electr...
FCA1206C334M-H2 CDE-FCA1206C334M-H2 Datasheet
932Kb / 5P
   Acrylic Stacked Metallized Film Capacitors for Filtering and Noise Attenuation
More results

Similar Description - FCA1206C334M-H2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCA1210C105M ETC2-FCA1210C105M Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
logo
Cornell Dubilier Electr...
FCA1206A105M-H3 CDE-FCA1206A105M-H3 Datasheet
217Kb / 5P
   Acrylic Surface Mount Film Capacitors
logo
NIC-Components Corp.
NSPH NIC-NSPH Datasheet
508Kb / 6P
   Multilayer Acrylic Polymer Film Capacitors
logo
Cornell Dubilier Electr...
FCN1913C124J-E1 CDE-FCN1913C124J-E1 Datasheet
559Kb / 8P
   Surface Mount Film Capacitors
FCP0603C101J-K1 CDE-FCP0603C101J-K1 Datasheet
387Kb / 6P
   Surface Mount Film Capacitors
FCA CDE-FCA Datasheet
932Kb / 5P
   Acrylic Stacked Metallized Film Capacitors for Filtering and Noise Attenuation
logo
Vishay Siliconix
CZB VISHAY-CZB Datasheet
116Kb / 3P
   Thick Film Chip Attenuator, Surface Mount, Balanced Type
Revision: 14-May-14
CZB VISHAY-CZB_V01 Datasheet
124Kb / 3P
   Thick Film Chip Attenuator, Surface Mount, Balanced ? Type
01-Jan-2022
logo
3M Electronics
1218 3M-1218 Datasheet
536Kb / 2P
   Polyimide Film Electrical Tape 1218 with Acrylic Adhesive
logo
Littelfuse
431 LITTELFUSE-431 Datasheet
83Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com