Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCA1206C224M-H1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FCA1206C224M-H1
Description  Type FCA Acrylic Surface Mount Film Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FCA1206C224M-H1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FCA1206C224M-H1 Datasheet HTML 1Page - List of Unclassifed Manufacturers FCA1206C224M-H1 Datasheet HTML 2Page - List of Unclassifed Manufacturers FCA1206C224M-H1 Datasheet HTML 3Page - List of Unclassifed Manufacturers FCA1206C224M-H1 Datasheet HTML 4Page - List of Unclassifed Manufacturers FCA1206C224M-H1 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Cornell Dubilier
1605 E. Rodney French Blvd. New Bedford, MA 02744 Phone: (508)996-8564 Fax: (508)996-3830 www.cde.com
Type FCA Acrylic Surface Mount Film Capacitors
Specifications
Type FCA acrylic film chips are non-inductive
stacked metallized film capacitors which
feature large capacitance values in standard
surface mount case sizes.
Acrylic Stacked Metallized Film Capacitors for Filtering and Noise Attenuation
Highlights
• Smallest film chips
• No piezoelectric effect
• Non-polarized, non-magnetic
• Low ESR
• 1.0 µF/10V in 1206 case
Capacitance Range:
Capacitance Tolerance:
Rated Voltage:
AC Voltage Rating:
Operating Temperature Range:
Dissipation Factor:
Dielectric Strength:
Insulation Resistance (IR):
Resistance to Soldering
:
0.10 µF to 1.0 µF
±20% @ 1 kHz and +20 ºC
16 Vdc [1.0 µF in 1206 case, 10 Vdc]
12 Vrms
–40 ºC to +85 ºC
0.015 @ 1 kHz and +20 ºC
175% of rated voltage for 5 seconds
After 1 minute @10 Vdc; +20 ºC
IR >1000 MΩ (C 0.33 µF)
IR > 300 MΩµF (C >0.33 µF)
The capacitor can withstand being heated in
an oven at 235 ºC for 200 seconds
Filtering Decoupling Noise Attenuation Distortion Free Audio
Type FCA acrylic film capacitors offer high
capacitance values in standard surface mount
case sizes. They excel in attenuating DC power
bus noise, and as ripple filters in dc to dc power
conversion circuits. As coupling capacitors in
audio circuits, they yield distortion free sound
and better high frequency filtering. The 1.0
µF 10 Vdc rating offers a film capacitor that
is a direct replacement for tantalum “A” case
capacitors. The nonpolar FCA capacitor has
lower ESR and lower DCL than an equivalent
tantalum capacitor, and in high frequency
applications it takes a tantalum capacitor with
ten times the capacitance to perform as well
as the FCA capacitor.
The capacitor is constructed of noninductive
stacked layers of metallized acrylic resin film
with lead free solder (Sn/Ag/Cu) plated copper
alloy terminals.
Complies with the EU Directive
2002/95/EC requirement
restricting the use of Lead (Pb),
Mercury (Hg), Cadmium (Cd),
Hexavalent chromium (Cr(VI)),
PolyBrominated Biphenyls (PBB)
and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - FCA1206C224M-H1

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
FCA1206C224M-H1 CDE-FCA1206C224M-H1 Datasheet
217Kb / 5P
   Acrylic Surface Mount Film Capacitors
logo
List of Unclassifed Man...
FCA1206C224M-H1 ETC2-FCA1206C224M-H1 Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
logo
Cornell Dubilier Electr...
FCA1206C224M-H1 CDE-FCA1206C224M-H1 Datasheet
932Kb / 5P
   Acrylic Stacked Metallized Film Capacitors for Filtering and Noise Attenuation
More results

Similar Description - FCA1206C224M-H1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCA1210C105M ETC2-FCA1210C105M Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
logo
Cornell Dubilier Electr...
FCA1206A105M-H3 CDE-FCA1206A105M-H3 Datasheet
217Kb / 5P
   Acrylic Surface Mount Film Capacitors
logo
NIC-Components Corp.
NSPH NIC-NSPH Datasheet
508Kb / 6P
   Multilayer Acrylic Polymer Film Capacitors
logo
Cornell Dubilier Electr...
FCN1913C124J-E1 CDE-FCN1913C124J-E1 Datasheet
559Kb / 8P
   Surface Mount Film Capacitors
FCP0603C101J-K1 CDE-FCP0603C101J-K1 Datasheet
387Kb / 6P
   Surface Mount Film Capacitors
FCA CDE-FCA Datasheet
932Kb / 5P
   Acrylic Stacked Metallized Film Capacitors for Filtering and Noise Attenuation
logo
Vishay Siliconix
CZB VISHAY-CZB Datasheet
116Kb / 3P
   Thick Film Chip Attenuator, Surface Mount, Balanced Type
Revision: 14-May-14
CZB VISHAY-CZB_V01 Datasheet
124Kb / 3P
   Thick Film Chip Attenuator, Surface Mount, Balanced ? Type
01-Jan-2022
logo
3M Electronics
1218 3M-1218 Datasheet
536Kb / 2P
   Polyimide Film Electrical Tape 1218 with Acrylic Adhesive
logo
Littelfuse
431 LITTELFUSE-431 Datasheet
83Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com