Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GI1952 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # GI1952
Description  P N P H I G H S P E E D S W I T C H I N G T R A N S I S T O R
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GI1952 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  GI1952 Datasheet HTML 1Page - E-Tech Electronics LTD GI1952 Datasheet HTML 2Page - E-Tech Electronics LTD GI1952 Datasheet HTML 3Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
G
I1952
Page: 2/3
ISSUED DATE :2005/10/03
REVISED DATE :
ton (Turn-on Time)
-
-
0.3
tstg (Storage Time)
-
-
1.5
tf (Fall Time)
-
-
0.3
uS
IC=-3A , RL=10
IB1=-IB2=-0.15A
VCC -30V
*Measure using pulse current
Characteristics Curve


Similar Part No. - GI1952

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GI1952 GTM-GI1952 Datasheet
383Kb / 3P
   PNP HIGH SPEED SWITCHING TRANSISTOR
More results

Similar Description - GI1952

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GJ1952 ETL-GJ1952 Datasheet
385Kb / 3P
   P N P H I G H S P E E D S W I T C H I N G T R A N S I S T O R
GI5103 ETL-GI5103 Datasheet
418Kb / 3P
   N P N H I G H S P E E D S W I T C H I N G T R A N S I S T O R
GJ5103 ETL-GJ5103 Datasheet
417Kb / 3P
   N P N H I G H S P E E D S WI T C H I N G T R A N S I S T O R
GL159 ETL-GL159 Datasheet
329Kb / 2P
   P N P S I L I CO N P L A N A R H I G H C U R R E N T T R A N S I S T O R
GL359 ETL-GL359 Datasheet
334Kb / 2P
   P N P S I L I CO N P L A N A R H I G H C U R R E N T T R A N S I S T O R
GL358 ETL-GL358 Datasheet
298Kb / 2P
   N P N S I L I CO N P L A N A R H I G H C U R R E N T T R A N S I S T O R
GL158 ETL-GL158 Datasheet
297Kb / 2P
   N P N S I L I CO N P L A N A R H I G H C U R R E N T T R A N S I S T O R
GL157 ETL-GL157 Datasheet
312Kb / 2P
   P N P S I L I CO N P L A N A R H I G H P E R F O RM A N C E T R A N S I S T O R
GM157 ETL-GM157 Datasheet
356Kb / 2P
   P N P S I L I CO N P L A N A R H I G H P E R F O RM A N C E T R A N S I S T O R
GL156 ETL-GL156 Datasheet
296Kb / 2P
   N P N S I L I CO N P L A N A R H I G H P E R F O RM A N C E T R A N S I S T O R
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com