Electronic Components Datasheet Search |
|
V68ZA2P Datasheet(PDF) 11 Page - Littelfuse |
|
V68ZA2P Datasheet(HTML) 11 Page - Littelfuse |
11 / 14 page © 2014 Littelfuse, Inc. Specifications are subject to change without notice. Revised: 07/11/14 Varistor Products Radial Lead Varistors > ZA Series Product Dimensions (mm) Dimen- sion V RMS Voltage Model 5mm Size 7mm Size 10mm Size 14mm Size 20mm Size Min. mm (in) Max. mm (in) Min. mm (in) Max. mm (in) Min. mm (in) Max. mm (in) Min. mm (in) Max. mm (in) Min. mm (in) Max. mm (in) A All - 10 (0.394) - 12 (0.472) - 16 (0.630) - 20 (0.787) - 26.5 (1.043) ØD All - 7 (0.276) - 9 (0.354) - 12.5 (0.492) - 17 (0.669) - 23 (0.906) e (see notes below) All 4 (0.157) 6 (0.236) 4 (0.157) 6 (0.236) 6.5 (0.256) 8.5 (0.335) 6.5 (0.256) 8.5 (0.335) 6.5 (0.256) (note 1 below) 8.5 (0.335) (note 1 below) e 1 V8ZA- V56ZA 1 (0.039) 3 (0.118) 1 (0.039) 3 (0.118) 1 (0.039) 3 (0.118) 1 (0.039) 3 (0.118) 1 (0.039) 3 (0.118) V68ZA- V100ZA 1.5 (0.059) 3.5 (0.138) 1.5 (0.059) 3.5 (0.138) 1.5 (0.059) 3.5 (0.138) 1.5 (0.059) 3.5 (0.138) 1.5 (0.059) 3.5 (0.138) V120ZA- V180ZA 1 (0.039) 3 (0.118) 1 (0.039) 3 (0.118) 1 (0.039) 3 (0.118) 1 (0.038) 3 (0.118) 1 (0.038) 3 (0.118) V205ZA- V750ZA 1.5 (0.059) 3.5 (0.138) - - - - - - - - E V8ZA- V56ZA - 5 (0.197) - 5 (0.197) - 5 (0.197) - 5 (0.197) - 5 (0.197) V68ZA- V100ZA - 5.6 (0.220) - 5.6 (0.220) - 5.6 (0.220) - 5.6 (0.220) - 5.6 (0.220) V120ZA- V180ZA - 5 (0.197) - 5 (0.197) - 5 (0.197) - 5 (0.197) - 5 (0.197) V205ZA- V750ZA - 5.6 (0.220) - - - - - - - - Øb All 0.585 (0.023) 0.685 (0.027) 0.585 (0.023) 0.685 (0.027) 0.76 (0.030) 0.86 (0.034) 0.76 (0.030) 0.86 (0.034) 0.76 (0.030) 0.86 (0.034) A TRIM All - 13.0 (0.512) - 15 (0.591) - 19.5 (0.768) - 22.5 (0.886) - 29.0 (1.142) L TRIM All 2.41 (0.095) 4.69 (0.185) 2.41 (0.095) 4.69 (0.185) 2.41 (0.095) 4.69 (0.185) 2.41 (0.095) 4.69 (0.185) 2.41 (0.095) 4.69 (0.185) 1. For 20mm size devices, a 10mm "e" dimension option is also available. Please refer to "Ordering Notes" section "X10" option code for additional information. 2. V24ZA50(P) and V24ZC50(P) only supplied with lead spacing of 6.35mm -/+0.5mm (0.25 -/+0.0196) Dimension e = 5.85 min. Does not apply to Tape and Reel parts. NOTES: Dimensions in millimeters, inches in parentheses. To order this crimped and trimmed lead style, standard radial type model numbers are changed by replacing the model letter "ZA" with "ZC." This option is supplied in bulk only. Standard Model Order As V18ZA3P V18ZC3P For crimped leads without trimming and any varitions to the above, contact Littelfuse. Example: CRIMPED AND TRIMMED LEAD Radial lead types can be supplied with combination preformed crimp and trimmed leads. This option is supplied to the dimensions shown. *Seating plane interpretation per IEC-717 LTRIM ATRIM SEATING PLANE øD øb 25.4 (1.00) MIN A e e1 E |
Similar Part No. - V68ZA2P |
|
Similar Description - V68ZA2P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |